Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2817DTR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2817DTR
Description  BiCMOS POWER FACTOR PREREGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2817DTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC2817DTR Datasheet HTML 3Page - Texas Instruments UCC2817DTR Datasheet HTML 4Page - Texas Instruments UCC2817DTR Datasheet HTML 5Page - Texas Instruments UCC2817DTR Datasheet HTML 6Page - Texas Instruments UCC2817DTR Datasheet HTML 7Page - Texas Instruments UCC2817DTR Datasheet HTML 8Page - Texas Instruments UCC2817DTR Datasheet HTML 9Page - Texas Instruments UCC2817DTR Datasheet HTML 10Page - Texas Instruments UCC2817DTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
UCC2817, UCC2818, UCC3817, UCC3818
BiCMOS POWER FACTOR PREREGULATOR
SLUS395J - FEBRUARY 2000 - REVISED MARCH 2009
7
www.ti.com
APPLICATION INFORMATION
The UCC3817 is a BiCMOS average current mode boost controller for high power factor, high efficiency
preregulator power supplies. Figure 1 shows the UCC3817 in a 250-W PFC preregulator circuit. Off-line
switching power converters normally have an input current that is not sinusoidal. The input current waveform
has a high harmonic content because current is drawn in pulses at the peaks of the input voltage waveform.
An active power factor correction circuit programs the input current to follow the line voltage, forcing the
converter to look like a resistive load to the line. A resistive load has 0
° phase displacement between the current
and voltage waveforms. Power factor can be defined in terms of the phase angle between two sinusoidal
waveforms of the same frequency:
PF
+ cos Q
Therefore, a purely resistive load would have a power factor of 1. In practice, power factors of 0.999 with THD
(total harmonic distortion) of less than 3% are possible with a well-designed circuit. Following guidelines are
provided to design PFC boost converters using the UCC3817.
NOTE: Schottky diodes, D5 and D6, are required to protect the PFC controller from electrical over stress during
system power up.
UDG-98183
1
11
7
16
GND
DRVOUT
R17
20
15
C3
1
µF CER
VCC
C2
100
µ F AI EI
14
C1
560pF
13
C4 0.01
µF
12
R1 12k
R3 20k
R2
499k
R4
249k
R5
10k
C5 1
µF
9
4
10
VREF
VCC
CT
SS
RT
VSENSE
OVP/EN
VREF
VAOUT
3
8
2
VFF
C6 2.2
µF
C7 150nF
R7 100k
6
5
R9
4.02k
C8 270pF
R8 12k
D6
R10
4.02k
D5
R11
10k
R12
2k
R14
0.25
3W
C13
0.47
µF
600V
C14
1.5
µ F
400V
R13
383k
IAC
R18
24k
R15
24k
R16
100
VCC
C10
1
µ F
C11
1
µF
D7
D8
L1
1mH
D2
6A, 600V
D1
8A, 600V
C12
220
µF
450V
VOUT
385V−DC
+
PKLIMIT
CAOUT
CAI
MOUT
IAC
VO
UCC3817
VLINE
85−270 VAC
VREF
C9 1.2nF
R6 30k
6A 600V
D3
Q1
F1
VO
D4
R19
499k
R20 274k
R21
383k
AC2
AC1
C15 2.2
µ F
IRFP450
Figure 1. Typical Application Circuit


Similar Part No. - UCC2817DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2817DTR TI-UCC2817DTR Datasheet
923Kb / 31P
[Old version datasheet]   BCMOS POWER FACTOR PREREGULATOR
UCC2817DTRG4 TI-UCC2817DTRG4 Datasheet
923Kb / 31P
[Old version datasheet]   BCMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC2817DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817A TI-UCC2817A Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2818A-Q1 TI1-UCC2818A-Q1 Datasheet
494Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817-EP TI-UCC2817-EP_15 Datasheet
477Kb / 24P
[Old version datasheet]   UCC2818A-Q1 BiCMOS Power-Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com