Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC2058 Datasheet(PDF) 6 Page - DinTek Semiconductor Co,.Ltd

Part # DTC2058
Description  N-Channel 20-V (D-S) MOSFET Load Switches for Portable Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTC2058 Datasheet(HTML) 6 Page - DinTek Semiconductor Co,.Ltd

  DTC2058_13 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTC2058_13 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTC2058_13 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTC2058_13 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTC2058_13 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTC2058_13 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTC2058_13 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTC2058_13 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 80 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
10
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
Single Pulse
1
DTC2058
www.din-tek.jp


Similar Part No. - DTC2058_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTC2058 DINTEK-DTC2058 Datasheet
330Kb / 8P
   N-Channel 20-V (D-S) MOSFET
More results

Similar Description - DTC2058_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTC2059 DINTEK-DTC2059_13 Datasheet
1Mb / 8P
   P-Channel 20 V (D-S) MOSFET Load Switch
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com