Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC2058 Datasheet(PDF) 5 Page - DinTek Semiconductor Co,.Ltd

Part # DTC2058
Description  N-Channel 20-V (D-S) MOSFET Load Switches for Portable Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTC2058 Datasheet(HTML) 5 Page - DinTek Semiconductor Co,.Ltd

  DTC2058_13 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTC2058_13 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTC2058_13 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTC2058_13 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTC2058_13 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTC2058_13 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTC2058_13 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTC2058_13 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
3
6
9
12
15
18
0
255075
100
125
150
TC - Case Temperature (°C)
Package Limited
Power Derating
0
2
4
6
8
25
50
75
100
125
150
TC - Case Temperature (°C)
DTC2058
www.din-tek.jp


Similar Part No. - DTC2058_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTC2058 DINTEK-DTC2058 Datasheet
330Kb / 8P
   N-Channel 20-V (D-S) MOSFET
More results

Similar Description - DTC2058_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTC2059 DINTEK-DTC2059_13 Datasheet
1Mb / 8P
   P-Channel 20 V (D-S) MOSFET Load Switch
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com