Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75179BDRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75179BDRG4
Description  Bus Voltage Range?? V to 12 V, Driver Thermal-Shutdown Protection, Low Power Requirements
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75179BDRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN75179BDRG4 Datasheet HTML 1Page - Texas Instruments SN75179BDRG4 Datasheet HTML 2Page - Texas Instruments SN75179BDRG4 Datasheet HTML 3Page - Texas Instruments SN75179BDRG4 Datasheet HTML 4Page - Texas Instruments SN75179BDRG4 Datasheet HTML 5Page - Texas Instruments SN75179BDRG4 Datasheet HTML 6Page - Texas Instruments SN75179BDRG4 Datasheet HTML 7Page - Texas Instruments SN75179BDRG4 Datasheet HTML 8Page - Texas Instruments SN75179BDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN75179B
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SLLS003E – OCTOBER 1985 – REVISED JUNE 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over recommended ranges of common-mode input voltage, supply
voltage, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT +
Positive-going input threshold voltage
VO = 2.7 V,
IO = – 0.4 mA
0.2
V
VIT –
Negative-going input threshold voltage
VO = 0.5 V,
IO = 8 mA
– 0.2‡
V
Vhys
Hysteresis voltage (VIT + – VIT –)
50
mV
VOH
High-level output voltage
VID = 200 mV,
IOH = – 400 µA,
See Figure 2
2.7
V
VOL
Low-level output voltage
VID = – 200 mV,
IOL = 8 mA,
See Figure 2
0.45
V
II
Line input current
Other input at 0 V
See Note 5
VI = 12 V
1
mA
II
Line input current
Other input at 0 V,
See Note 5
VI = – 7 V
– 0.8
mA
ri
Input resistance
12
k
IOS
Short-circuit output current
–15
–85
mA
ICC
Supply current (total package)
No load
57
70
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The algebraic convention, where the less positive (more negative) limit is designated minimum, is used in this data sheet for common-mode input
voltage and threshold voltage levels only.
NOTE 5: Refer to TIA/EIA-422-B for exact conditions.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
VID = – 1.5 V to 1.5 V,
19
35
ns
tPHL
Propagation delay time, high- to low-level output
ID
CL = 15 pF,
See Figure 4
30
40
ns
PARAMETER MEASUREMENT INFORMATION
VOD2
RL
2
VOC
RL
2
Figure 1. Driver VDD and VOC
VID
–IOH
VOH
+ IOL
VOL
Figure 2. Receiver VOH and VOL


Similar Part No. - SN75179BDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75179BD TI-SN75179BD Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
More results

Similar Description - SN75179BDRG4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA378R12C FAIRCHILD-KA378R12C_05 Datasheet
57Kb / 8P
   Low Dropout Voltage Regulator Overcurrent Protection, Thermal Shutdown
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
   Thermal Shutdown Protection
logo
STMicroelectronics
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
   Thermal shutdown protection
March 2014 Rev 1
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
   thermal shutdown protection
logo
Dialog Semiconductor
SLG59M1735C DIALOG-SLG59M1735C Datasheet
542Kb / 16P
   Thermal Shutdown Protection
logo
Unisonic Technologies
UD05021G-AF5-R UTC-UD05021G-AF5-R Datasheet
370Kb / 7P
   Thermal Shutdown Protection
logo
Dialog Semiconductor
SLG59M1714V DIALOG-SLG59M1714V Datasheet
358Kb / 18P
   Thermal Shutdown Protection
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
STMicroelectronics
VN800PS-E STMICROELECTRONICS-VN800PS-E Datasheet
305Kb / 27P
   Thermal shutdown protection and diagnosis
logo
Texas Instruments
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com