Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS370C042A Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS370C042A
Description  8-BIT MICROCONTROLLER
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370C042A Datasheet(HTML) 5 Page - Texas Instruments

  TMS370C042A Datasheet HTML 1Page - Texas Instruments TMS370C042A Datasheet HTML 2Page - Texas Instruments TMS370C042A Datasheet HTML 3Page - Texas Instruments TMS370C042A Datasheet HTML 4Page - Texas Instruments TMS370C042A Datasheet HTML 5Page - Texas Instruments TMS370C042A Datasheet HTML 6Page - Texas Instruments TMS370C042A Datasheet HTML 7Page - Texas Instruments TMS370C042A Datasheet HTML 8Page - Texas Instruments TMS370C042A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C -- NOVEMBER 1992 -- REVISED FEBRUARY 1997
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
description (continued)
The SE370C742A has a windowed ceramic package to allow reprogramming of the program EPROM memory
during the development/prototyping phase of design. The SE370C742A device allows quick updates to
breadboards and prototype systems while iterating initial designs.
The TMS370Cx4x family provides two low-power modes (STANDBY and HALT) for applications where
low-power consumption is critical. Both modes stop all central processing unit (CPU) activity (that is, no
instructions are executed). In the STANDBY mode, the internal oscillator and the general-purpose timer remain
active. In the HALT mode, all device activity is stopped. The device retains all RAM data and peripheral
configuration bits throughout both low-power modes.
The TMS370Cx4x features advanced register-to-register architecture that allows arithmetic and logical
operations without requiring an accumulator (e.g., ADD R24, R47; add the contents of register 24 to the contents
of register 47 and store the result in register 47). The TMS370Cx4x family is fully instruction-set-compatible,
allowing easy transition between members of the TMS370 8-bit microcontroller family.
The TMS370Cx4x family offers an 8-channel ADC1 with 8-bit accuracy for the 44-pin PLCC packages and also
offers a 4-channel ADC1 for the 40-pin DIP packages. The 33-s conversion time at 5-MHz SYSCLK and the
variable sample period, combined with selectable positive reference voltage sources, turn analog signals into
digital data.
The serial communications interface 1 (SCI1) module is a built-in serial interface that can be programmed to
be asynchronous or isosynchronous to give two methods of serial communications. The SCI allows standard
RS-232-C communications with other common data transmission equipment. The CPU takes no part in serial
communications except to write data to be transmitted to a register and to read data received from a register.
The TMS370Cx4x family provides the system designer with very economical, efficient solutions to real-time
control applications. The TMS370 family extended development system (XDS) and compact development
tool (CDT) solve the challenge of efficiently developing the software and hardware required to design the
TMS370Cx4x into an ever-increasing number of complex applications. The application source code can be
written in assembly and C languages, and the output code can be generated by the linker. The TMS370 family
XDS communicates through a standard RS-232-C interface with a personal computer, allowing use of the
personal computer editors and software utilities already familiar to the designer. The TMS370 family XDS
emphasizes ease-of-use through extensive use of menus and screen windowing so that a system designer with
minimal training can begin developing software. Precise real-time in-circuit emulation and extensive symbolic
debug and analysis tools ensure efficient software and hardware implementation, as well as reduced
time-to-market cycle.
The TMS370Cx4x family together with the TMS370 family XDS, CDT370, starter kit, software tools, the
SE370C742A reprogrammable devices, comprehensive product documentation, and customer support
provide a complete solution for the needs of the system designer.
XDS and CDT are trademarks of Texas Instruments Incorporated.


Similar Part No. - TMS370C042A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C042A TI-TMS370C042A Datasheet
966Kb / 66P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C042AFNA TI-TMS370C042AFNA Datasheet
860Kb / 69P
[Old version datasheet]   CMOS EEPROM/EPROM Technologies on a Single Device
TMS370C042AFNA TI1-TMS370C042AFNA Datasheet
899Kb / 69P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C042AFNL TI-TMS370C042AFNL Datasheet
860Kb / 69P
[Old version datasheet]   CMOS EEPROM/EPROM Technologies on a Single Device
TMS370C042AFNL TI1-TMS370C042AFNL Datasheet
899Kb / 69P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS370C042A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com