Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75179BDE4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75179BDE4
Description  Bus Voltage Range?? V to 12 V, Driver Thermal-Shutdown Protection, Low Power Requirements
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75179BDE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75179BDE4 Datasheet HTML 4Page - Texas Instruments SN75179BDE4 Datasheet HTML 5Page - Texas Instruments SN75179BDE4 Datasheet HTML 6Page - Texas Instruments SN75179BDE4 Datasheet HTML 7Page - Texas Instruments SN75179BDE4 Datasheet HTML 8Page - Texas Instruments SN75179BDE4 Datasheet HTML 9Page - Texas Instruments SN75179BDE4 Datasheet HTML 10Page - Texas Instruments SN75179BDE4 Datasheet HTML 11Page - Texas Instruments SN75179BDE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SN75179B
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SLLS003E – OCTOBER 1985 – REVISED JUNE 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
2.5
2
1
0.5
0
4.5
1.5
0
– 5 – 10 – 15 – 20 – 25 – 30
3.5
3
4
5
– 35 – 40 – 45 – 50
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH – High-Level Output Current – mA
VCC = 4.75 V
VID = 0.2 V
TA = 25°C
VCC = 5 V
VCC = 5.25 V
Figure 9
2.5
2
1
0.5
0
4.5
1.5
0
102030
40
5060
3.5
3
4
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
5
70
80
90
TA – Free-Air Temperature – °C
VCC = 5 V
VID = 0.2 V
IOH = – 440 µA
Figure 10
RECEIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0.3
0.2
0.1
0
05
10
0.4
0.5
0.6
15
20
25
30
IOL – Low-Level Output Current – mA
VCC = 5 V
TA = 25°C
Figure 11
0.2
0.1
0
0
102030
40
5060
0.3
0.4
RECEIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
0.5
70
80
90
TA – Free-Air Temperature – °C
VCC = 5 V
VID = – 0.2 V
IOL = 8 mA
Figure 12


Similar Part No. - SN75179BDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75179BD TI-SN75179BD Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
More results

Similar Description - SN75179BDE4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA378R12C FAIRCHILD-KA378R12C_05 Datasheet
57Kb / 8P
   Low Dropout Voltage Regulator Overcurrent Protection, Thermal Shutdown
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
   Thermal Shutdown Protection
logo
STMicroelectronics
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
   Thermal shutdown protection
March 2014 Rev 1
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
   thermal shutdown protection
logo
Dialog Semiconductor
SLG59M1735C DIALOG-SLG59M1735C Datasheet
542Kb / 16P
   Thermal Shutdown Protection
logo
Unisonic Technologies
UD05021G-AF5-R UTC-UD05021G-AF5-R Datasheet
370Kb / 7P
   Thermal Shutdown Protection
logo
Dialog Semiconductor
SLG59M1714V DIALOG-SLG59M1714V Datasheet
358Kb / 18P
   Thermal Shutdown Protection
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
STMicroelectronics
VN800PS-E STMICROELECTRONICS-VN800PS-E Datasheet
305Kb / 27P
   Thermal shutdown protection and diagnosis
logo
Texas Instruments
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com