Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8027 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C8027
Description  RG 59/U Type Coaxial & 2/C 18 AWG Shielded Siamese CCTV - Cable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C8027 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C8027 Datasheet HTML 1Page - General Cable Technologies Corporation C8027 Datasheet HTML 2Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT DATA SHEET
Part Number:
C8027
Revision Level:
08
Date:
05/14/2012
1C 22 SBC FMPE OA BS, 2C 18 AWG BC PVC OAS,
SIAMESE FR-PVC JKT
RG 59/U Type Coaxial & 2/C 18 AWG
Shielded Siamese CCTV - Cable
A.
CONSTRUCTION A
DIAMETERS
1)
CONDUCTOR:
#22 AWG 7/30 Bare Copper
0.030” nom.
2)
INSULATION:
0.057” Wall Foamed Polyethylene
0.144” nom.
3)
BRAID SHIELD:
Bare Copper Braid (95% Coverage)
0.171” nom.
B.
CONSTRUCTION B
1)
CONDUCTOR:
#18 AWG 16/30 Bare Copper
0.046” nom.
2)
INSULATION:
0.013” Wall Polyvinyl Chloride
0.072” nom.
3)
SHIELDED CABLE:
2 conductors (Black, Red) – shielded @2.25” LHL
with #22 AWG 7/30 Tinned Copper Drain Wire
and Aluminum/Polyester Tape (Foil Side-In)
0.149” nom.
C.
FINAL CABLE
1)
JACKET:
0.032” Wall Polyvinyl Chloride
Major dim:
Minor dim:
0.470” +/- 0.024”
0.242” +/- 0.012”
2)
PRINT LEGEND:
CAROL (R) -- C8027 -- RG 59/U TYPE COAX – 1C 22 AWG + 2C 18 AWG
SHIELDED CL2 (ETL)OR CM c(ETL)us 75C 3084997 — MADE IN USA
(MFG
CODE; MM/YY & TRU-MARK SEQ. FT. MKGS)
D.
INDUSTRY APPROVALS
UL Standards 13
Type CL2 (ETL)
National Electric Code
Article 725
UL & CSA Standards 444
Type CM c(ETL)us
National Electric Code
Article 800
EU 2002/95/EC
RoHS Compliant
E.
ELECTRICAL PROPERTIES
1)
TEMPERATURE:
-20C to +75C
2)
SUGGESTED WORKING VOLTAGE (Vrms):
300V MAX
3)
CONDUCTOR D.C. RESISTANCE A:
14.8 Ohms/1000 ft. nom. @ 20 C
4)
CONDUCTOR D.C. RESISTANCE B:
6.65 Ohms/1000 ft. nom. @ 20 C
5)
SHIELD RESISTANCE A:
3.00 Ohms/1000 ft. nom. @ 20 C
6)
SHIELD RESISTANCE B:
6.20 Ohms/1000 ft. nom. @ 20 C
7)
MUTUAL CAPACITANCE A:
17 pF/ft. @ 1 kHz nom.
8)
MUTUAL CAPACITANCE B:
45 pF/ft. @ 1kHz nom.
9)
GROUND CAPACITANCE B:
81 pF/ft. @ 1kHz nom.
10)
CHARACTERISTIC IMPEDANCE A:
77 Ohms @ 1 MHz nom.
11)
CHARACTERISTIC IMPEDANCE B:
43 Ohms @ 1 MHz nom.
12)
Attenuation:
FREQ. (MHz)
dB/100 ft.
1
0.26
10
0.91
50
2.09
100
3.00
200
4.33
500
7.03
1000
10.64
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C8027

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C8024 GENERAL-C8024 Datasheet
35Kb / 1P
   RG 59/U Type Coaxial & 2/C 18 AWG Siamese CCTV - Cable
C8025 GENERAL-C8025 Datasheet
36Kb / 2P
   RG 59/U Type Coaxial & 2/C 22 AWG Shielded Siamese CCTV - Cable
C8028 GENERAL-C8028 Datasheet
37Kb / 2P
   RG 59/U Type Coaxial & 2/C 18 AWG Siamese CCTV - Cable
C8029 GENERAL-C8029 Datasheet
36Kb / 2P
   RG 6/U Type Coaxial & 2/C 18 AWG Siamese CCTV - Cable
More results

Similar Description - C8027

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C8028 GENERAL-C8028 Datasheet
37Kb / 2P
   RG 59/U Type Coaxial & 2/C 18 AWG Siamese CCTV - Cable
C8024 GENERAL-C8024 Datasheet
35Kb / 1P
   RG 59/U Type Coaxial & 2/C 18 AWG Siamese CCTV - Cable
C8030 GENERAL-C8030 Datasheet
36Kb / 2P
   RG 59/U Type Coaxial & 2/C 18 AWG Siamese CCTV- Plenum Cable
C8025 GENERAL-C8025 Datasheet
36Kb / 2P
   RG 59/U Type Coaxial & 2/C 22 AWG Shielded Siamese CCTV - Cable
C8029 GENERAL-C8029 Datasheet
36Kb / 2P
   RG 6/U Type Coaxial & 2/C 18 AWG Siamese CCTV - Cable
C8031 GENERAL-C8031 Datasheet
36Kb / 2P
   RG 6/U Type Coaxial & 2/C 18 AWG Siamese CCTV- Plenum Cable
C3527 GENERAL-C3527 Datasheet
36Kb / 2P
   RG 59/U TYPE QUAD SHIELD COAXIAL PLENUM CABLE
495036 GENERAL-495036 Datasheet
59Kb / 2P
   18 AWG - 75 Ohm - RG-6/U Type Plenum Coaxial Cable
495025 GENERAL-495025 Datasheet
68Kb / 2P
   18 AWG ??Dual Shielded ??RG-6/U Type
C1155 GENERAL-C1155 Datasheet
31Kb / 1P
   RG 58C/U TYPE COAXIAL CABLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com