Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVX04 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74LVX04
Description  Low Voltage Hex Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX04 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LVX04 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX04 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX04 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX04 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX04 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX04 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 3)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics (Note 4)
Note 4: Input tr
tf
3ns
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current (IIK)
VI
0.5V
20 mA
DC Input Voltage (VI)
0.5V to 7V
DC Output Diode Current (IOK)
VO
0.5V
20 mA
VO VCC  0.5V
20 mA
DC Output Voltage (VO)
0.5V to VCC  0.5V
DC Output Source
or Sink Current (IO)
r25 mA
DC VCC or Ground Current
(ICC or IGND)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Power Dissipation
180 mW
Supply Voltage (VCC)
2.0V to 3.6V
Input Voltage (VI)0V to 5.5V
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
40qC to 85qC
Input Rise and Fall Time (
't/'V)
0 ns/V to 100 ns/V
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level Input
2.0
1.5
1.5
Voltage
3.0
2.0
2.0
V
3.6
2.4
2.4
VIL
LOW Level Input
2.0
0.5
0.5
Voltage
3.0
0.8
0.8
V
3.6
0.8
0.8
VOH
HIGH Level Output
2.0
1.9
2.0
1.9
VIN VIL or VIH IOH 50 PA
Voltage
3.0
2.9
3.0
2.9
V
IOH 50 PA
3.0
2.58
2.48
IOH 4 mA
VOL
LOW Level Output
2.0
0.0
0.1
0.1
VIN VIL or VIH IOL 50 PA
Voltage
3.0
0.0
0.1
0.1
V
IOL 50 PA
3.0
0.36
0.44
IOL 4 mA
IIN
Input Leakage Current
3.6
r0.1
r1.0
PAVIN 5.5V or GND
ICC
Quiescent Supply Current
3.6
2.0
20.0
PAVIN VCC or GND
Symbol
Parameter
VCC
TA 25qC
Units
CL (pF)
(V)
Typ
Limit
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.3
0.5
V
50
VOLV
Quiet Output Minimum Dynamic VOL
3.3
0.3
0.5
V
50
VIHD
Minimum HIGH Level Dynamic Input Voltage
3.3
2.0
V
50
VILD
Maximum LOW Level Dynamic Input Voltage
3.3
0.8
V
50


Similar Part No. - 74LVX04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
July 2001
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
225Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX04 ONSEMI-74LVX04 Datasheet
223Kb / 8P
   Low Voltage Hex Inverter
February 2008 Rev. 1.4.0
logo
STMicroelectronics
74LVX04M STMICROELECTRONICS-74LVX04M Datasheet
161Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
July 2001
logo
ON Semiconductor
74LVX04M ONSEMI-74LVX04M Datasheet
223Kb / 8P
   Low Voltage Hex Inverter
February 2008 Rev. 1.4.0
More results

Similar Description - 74LVX04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVX14 ONSEMI-74LVX14 Datasheet
218Kb / 9P
   Low Voltage Hex Inverter
February 2008 Rev. 1.5.0
74LVX04 ONSEMI-74LVX04 Datasheet
223Kb / 8P
   Low Voltage Hex Inverter
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVQ04 FAIRCHILD-74LVQ04 Datasheet
60Kb / 5P
   Low Voltage Hex Inverter
74LVX04 FAIRCHILD-74LVX04_08 Datasheet
307Kb / 8P
   Low Voltage Hex Inverter
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
logo
Motorola, Inc
MC74LCX04 MOTOROLA-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
MC74LVQ04 MOTOROLA-MC74LVQ04 Datasheet
176Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com