Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS19460 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS19460
Description  AC/DC WLED Driver with External MOSFET Universal High Brightness
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19460 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS19460 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19460 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19460 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19460 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19460 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19460 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19460 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS19460
AC/DC WLED Driver with External MOSFET
Universal High Brightness
4/7
Version: A12
Application Information
The TS19460 is optimized to drive buck LED drivers using average current mode control. This method of control
enables fairly accurate LED current control without the need for high side current sensing or the design of any
closed loop controllers. The IC uses very few external components and enables both linear and PWM dimming of
the LED current.
A resistor connected to the RT pin programs the frequency of operation (or the off-time). Constant frequency of
average current mode control is used for stability and to improve the LED current regulation over a wide range of
input voltages.
The current through the switching MOSFET source is averaged and used to give constant-current feedback. This
current is detected from a sense resistor at the CS pin, the feedback operates is a fast open-loop mode, there are
no compensation is required, the output current is programmed as
ILED = 0.25V / RCS
When the Voltage at the LD input >1.5V, otherwise
ILED = ( VLD * 0.181 ) / RCS
When application to design the inductor witching ripple current in it is 40% of average peak to peak, full load
current, the inductance can be calculated as follow:
LOUT = ( VOUT(max) * TOFF ) / ( 0.4 * IOUT )
The duty cycle range of current control feedback is limited to <0.75%, when the LED string voltage is greater than
75% of input voltage, the LED current will be reduced.
When output LED voltage is below
VOUT(MIN) = VIN * D(MIN), where D(MIN) = 1uS / (TOFF + 1uS), it also occurred
the loss of regulation of LED current. This condition will cause an increase in LED current and can be possible to
trip the short circuit protection comparator when the voltage at CS exceeds 0.44V, the Gate off time (
THICCUP =
400uS) is generated to prevent stair casing of inductor current. the leading edge blanking delay is provide at CS to
prevent false triggering of current feedback and short circuit protection, both of output open or short condition is
required to recycle the
VDD to restore to operate in normally.
Input Voltage Regulator
The TS19460 can be powered directly from its VIN pin and can work from 8.0V~450VDC at its VIN pin. When a
voltage is applied at the VIN pin, the TS19460 maintains a constant 7.5V at the VDD pin. This voltage is used to
power the IC and any external resistor dividers needed to control the IC. The VDD pin must be bypassed by a low
ESR capacitor to provide a low impedance path for the high frequency current of the output GATE driver. The
TS19460 can be also operated by supplying a voltage at the VDD pin greater than the internally regulated voltage.
Please note that this external voltage at the VDD pin should not exceed 12V.
Although the VIN pin of the TS19460 is rated up to 450V, the actual maximum voltage that can be applied is limited
by the power dissipation in the IC. For example, if an SOP-8 (junction to ambient thermal resistance RθJA = 128°C/
W) TS19460 draws about IIN = 2.0mA from the VIN pin, and has a maximum allowable temperature rise of the
junction temperature limited to about the maximum voltage at the VIN pin would be:
VIN(MAX) = ( TJ(MAX) – TA ) / ( RθJA * IIN ) = 390V
In these cases, to operate the TS19460 from higher input voltages, a Zener diode can be added in series with the
VIN pin to divert some of the power loss from the TS19460 to the Zener diode. In the above example, using a 100V
zener diode will allow the circuit to easily work up to 490V.


Similar Part No. - TS19460

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19460 TSC-TS19460 Datasheet
353Kb / 9P
   AC/DC WLED Driver with Average-Mode Constant Current Control
TS19460CSRLG TSC-TS19460CSRLG Datasheet
353Kb / 9P
   AC/DC WLED Driver with Average-Mode Constant Current Control
TS19460 TSC-TS19460_15 Datasheet
353Kb / 9P
   AC/DC WLED Driver with Average-Mode Constant Current Control
More results

Similar Description - TS19460

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19450 TSC-TS19450 Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450 TSC-TS19450_15 Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19451 TSC-TS19451 Datasheet
180Kb / 7P
   AC/DC WLED Driver with Internal MOSFET Universal Switch Mode
TS19452 TSC-TS19452 Datasheet
203Kb / 7P
   AC/DC WLED Driver with Internal MOSFET
logo
AiT Semiconductor Inc.
A9910 AITSEMI-A9910 Datasheet
242Kb / 8P
   AC-DC LED DRIVER UNIVERSAL HIGH BRIGHTNESS LED DRIVER
REV1.0 - MAR 2013
logo
Taiwan Semiconductor Co...
TS19453 TSC-TS19453 Datasheet
108Kb / 7P
   AC/DC Programmable Current WLED Driver
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com