Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS9001XCX5RF Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS9001XCX5RF
Description  300mA CMOS LDO with Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9001XCX5RF Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9001XCX5RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9001XCX5RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9001XCX5RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9001XCX5RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9001XCX5RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9001XCX5RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS9001 Series
300mA CMOS LDO with Enable
3/6
Version: C12
Detail Description
Description
The TS9001 series of CMOS regulators contain a P-MOS pass transistor, voltage reference, error amplifier, over
current protection, thermal shutdown and short circuit protection.
The TS9001 series switches from voltage mode to current mode when the load exceeds the rated output current.
This prevents over stress. The TS9000 also incorporates current fold-back to reduce power dissipation when the
output is short circuit. This feature becomes active when the output drops below 1.05V, and reduces the current
flow by 65%. Full current is restored when the voltage exceeds 0.95V.
The internal P-channel pass transistor receives data from the error amplifier, over current shutdown, short output
protection and thermal protection circuits. During normal operation, the error amplifier compares the output voltage
to a precision reference. Over current and thermal shutdown circuits become active when the junction temperature
exceeds 150
oC, or the current exceeds 300mA. During thermal shutdown, the output voltage remains low. Normal
operation is restored when the junction temperature drops below 120
oC.
Enable
The Chip Enable pin normally floats high. When actively, pulled low, the PMOS pass transistor shut off, and all
internal circuits are powered down. In this state, the quiescent current is less than 5uA. This pin behaves much like
an electronic switch.
External Capacitor
The TS9001 series is stable with an output capacitor to ground of 2.2uF or greater. It can keep stable even with
higher or poor ESR capacitors.
A second capacitor is recommended between the input and ground to stabilize Vin. The input capacitor should be
larger than 0.1uF to have a beneficial effect.
A third capacitor can be connected between the Bypass pin and Ground. This capacitor can be a low cost polyester
film variety between the value of 1~10nF. A larger capacitor improves the AC ripple rejection, but also makes the
output come up slowly. This “soft” turn-on is desirable in some applications to limit turn-on surges.
All capacitors should be placed in close proximity to the pins. A “quiet” ground termination is desirable.


Similar Part No. - TS9001XCX5RF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9001XCX5RF TSC-TS9001XCX5RF Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
More results

Similar Description - TS9001XCX5RF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2838 ETC-CM2838 Datasheet
193Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Champion Microelectroni...
CM2838 CHAMP-CM2838 Datasheet
328Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
logo
Champion Microelectroni...
CM2836 CHAMP-CM2836 Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com