Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1935B Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS1935B
Description  1.9A / 1.2MHz Boost DC to Dc Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1935B Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS1935B_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TS1935B
1.9A / 1.2MHz Boost DC to Dc Converter
6/8
Version: A12
Electrical Characteristics Curve
Figure 7. Threshold Voltage vs. Temperature
Figure 8. Max. Duty vs. Temperature
Figure 9. UVLO vs. Temperature
Figure 10. Duty vs. Current Limit
Figure 11. Efficiency vs. Output Current
Figure 12. Efficiency vs. Output Current


Similar Part No. - TS1935B_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1935BCX5RFG TSC-TS1935BCX5RFG Datasheet
84Kb / 6P
   1.9A / 1.2MHz Boost DC to Dc Converter
More results

Similar Description - TS1935B_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1935B TSC-TS1935B Datasheet
84Kb / 6P
   1.9A / 1.2MHz Boost DC to Dc Converter
logo
AiT Semiconductor Inc.
A7566 AITSEMI-A7566 Datasheet
553Kb / 11P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.1
A7525 AITSEMI-A7525 Datasheet
507Kb / 13P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
logo
Linear Technology
LT1935 LINER-LT1935 Datasheet
189Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
AiT Semiconductor Inc.
A7632 AITSEMI-A7632 Datasheet
879Kb / 12P
   DC-DC CONVERTER (BOOST) 2A 28V 1.2MHz CURRENT MODE STEP-UP CONVERTER
REV2.0 - MAR 2017
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Taiwan Semiconductor Co...
TS1909 TSC-TS1909 Datasheet
311Kb / 6P
   MicroPower VFM Boost DC to Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com