Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTH322374 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LVTH322374
Description  Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs (Preliminary)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH322374 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVTH322374 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH322374 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH322374 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH322374 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH322374 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH322374 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary
© 2001 Fairchild Semiconductor Corporation
DS500429
www.fairchildsemi.com
February 2001
Revised August 2001
74LVTH322374
Low Voltage 32-Bit D-Type Flip-Flop
with 3-STATE Outputs
and 25
Ω Series Resistors in the Outputs (Preliminary)
General Description
The LVTH322374 contains thirty-two non-inverting D-type
flip-flops with 3-STATE outputs and is intended for bus ori-
ented applications. The device is byte controlled. A buff-
ered clock (CP) and Output Enable (OE) are common to
each byte and can be shorted together for full 32-bit opera-
tion.
The LVTH322374 is designed with equivalent 25
Ω series
resistance in both the HIGH and LOW states of the output.
This design reduces line noise in applications such as
memory address drivers, clock drivers, and bus transceiv-
ers/transmitters.
The LVTH322374 data inputs include bushold, eliminating
the need for external pull-up resistors to hold unused
inputs.
These flip-flops are designed for low voltage (3.3V) VCC
applications, but with the capability to provide a TTL inter-
face to a 5V environment. The LVTH322374 is fabricated
with an advanced BiCMOS technology to achieve high
speed operation similar to 5V ABT while maintaining a low
power dissipation.
Features
s Input and output interface capability to systems at
5V VCC
s Bushold data inputs eliminate the need for external pull-
up resistors to hold unused inputs
s Live insertion/extraction permitted
s Power Up/Power Down high impedance provides glitch-
free bus loading
s Outputs include equivalent series resistance of 25
Ω to
make external termination resistors unnecessary and
reduce overshoot and undershoot
s ESD performance:
Human-body model
> 2000V
Machine model
> 200V
Charged-device model
> 1000V
s Packaged in plastic Fine-Pitch Ball Grid Array (FBGA)
(Preliminary)
Ordering Code:
Note 1: BGA package available in Tape and Reel only.
Logic Symbol
Order Number
Package Number
Package Description
74LVTH322374GX
(Note 1)
BGA96A
(Preliminary)
96-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[Tape and Reel]


Similar Part No. - 74LVTH322374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVTH322374ZKER TI-74LVTH322374ZKER Datasheet
266Kb / 9P
[Old version datasheet]   3.3V ABT 32 BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
74LVTH322374ZKER TI1-74LVTH322374ZKER Datasheet
404Kb / 12P
[Old version datasheet]   3.3-V ABT 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVTH322374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH162374 FAIRCHILD-74LVTH162374 Datasheet
98Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs
74LVTH162374 FAIRCHILD-74LVTH162374_07 Datasheet
242Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25廓 Series Resistors in the Outputs
74LVT32374 FAIRCHILD-74LVT32374 Datasheet
77Kb / 6P
   Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs
74LVT322373 FAIRCHILD-74LVT322373 Datasheet
161Kb / 6P
   Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25??Series Resistors in the Outputs
74LCX32374 FAIRCHILD-74LCX32374 Datasheet
189Kb / 8P
   Low Voltage 32-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs Preliminary
74LVT322245 FAIRCHILD-74LVT322245 Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
74LVT16374 FAIRCHILD-74LVT16374 Datasheet
58Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVT16374 ONSEMI-74LVT16374 Datasheet
207Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
Revised June 2005
logo
Texas Instruments
SN74LVCH32374A TI-SN74LVCH32374A Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC32374 TI1-SN74AUC32374 Datasheet
412Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com