Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRS2020 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRS2020
Description  20.0AMPS Surface Mount Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRS2020 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRS2020_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRS2020_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SRS2020_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SRS2020_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
High reliability
SRS20xx
D2PAK
800 / 13" REEL
RN
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SRS
2020
SRS
2030
SRS
2040
SRS
2050
SRS
2060
SRS
2090
SRS
20100
SRS
20150
Unit
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
IF(AV)
A
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
Note 2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Version:H12
Ordering Information
Part No.
Package
Packing
Packing
code
Green Compound
Packing code
RNG
Operating Temperature Range
- 65 to + 125
- 65 to + 150
Storage Temperature Range
- 65 to + 150
Note 1: Pulse Test with PW=300u sec, 1% Duty Cycle
Typical Junction Capacitance (Note 2)
600
400
350
Typical Thermal Resistance Per Leg
1.5
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=100 ℃
TA=125℃
IR
0.5
0.1
mA
15
10
-
-
5
A
Maximum Instantaneous Forward Voltage (Note 1)
@10A
VF
0.55
0.70
0.92
1.02
V
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
20
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
200
Polarity: As marked
High temperature soldering guaranteed:
260℃/10 seconds at terminals
Weight: 1.36 grams
Type Number
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Note: "x" is Device Code from "20" thru "150".
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Case: D
2PAK molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
For surface mounted application
Ideal for automated pick & place
Low forward loss, high efficiency
High current capability, low VF
Epitaxial construction
Guard-ring for transient protection
SRS2020 - SRS20150
20.0AMPS Surface Mount Schottky Barrier Rectifiers
D
2PAK
Features
UL Recognized File #E-326854


Similar Part No. - SRS2020_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRS2020 TSC-SRS2020_1 Datasheet
168Kb / 2P
   20.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRS2020 TSC-SRS2020_11 Datasheet
127Kb / 2P
   20.0AMPS Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SRS2020_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS2035CT TSC-MBRS2035CT_11 Datasheet
154Kb / 2P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS20H100CT TSC-MBRS20H100CT_13 Datasheet
257Kb / 4P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS2020 TSC-SRAS2020_11 Datasheet
134Kb / 2P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRS2020 TSC-SRS2020_11 Datasheet
127Kb / 2P
   20.0AMPS Surface Mount Schottky Barrier Rectifiers
MBRS20H100CT TSC-MBRS20H100CT_11 Datasheet
148Kb / 2P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBR20H100CT TSC-MBR20H100CT_11 Datasheet
194Kb / 2P
   20.0AMPS. Schottky Barrier Rectifiers
logo
Gaomi Xinghe Electronic...
MBR2035CT GXELECTRONICS-MBR2035CT Datasheet
881Kb / 2P
   20.0AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SR2020 TSC-SR2020_11 Datasheet
188Kb / 2P
   20.0AMPS. Schottky Barrier Rectifiers
MBRI20100CT TSC-MBRI20100CT Datasheet
142Kb / 2P
   20.0Amps Surface Mount Schottky Barrier Rectifier
SRF2020 TSC-SRF2020_11 Datasheet
190Kb / 2P
   20.0AMPS. Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com