Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0420NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P0420NL
Description  Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0420NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P0420NL Datasheet HTML 1Page - Pulse A Technitrol Company P0420NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
pulseelectronics.com
SMT Common Mode Chokes
1.22A to 14.0 A
SPM2007 (1/13)
Solutions based on impedance, size and current
Designed for DC/DC converters
Wide variety of inductor sizes and current ratings
available
Dielectric strength: 1000VRMS
Impedance Curves
Electrical Specifications @ 25°C - Operating Temperature -40°C to +120°C
Part
Number
Inductance
(mH ±35%)
Irated
(A)
DCR (MAX)
(m
Ω)
Curve
(see # below)
Package
Weight
(Grams)
Quantity
In Tube
Quantity
In Reel
P0502NL
0.47
14.0
8
9
Big Foot
14.8
15
75
P0469NL
0.63
11.6
10
7
Big Foot
14.3
20
75
P0429NL
0.81
9.70
14
6
Big Foot
13.5
20
75
P0527NL
0.53
7.20
15
8
HCCI-68
7.7
15
100
P0353NL
0.59
5.60
21
7
LCCI-50
5.2
30
200
P0422NL
0.77
4.70
40
6
LCCI-50
4.9
30
200
P0421NL
0.22
3.30
60
5
LCCI-50
4.7
30
200
P0420NL
1.32
3.30
60
4
LCCI-50
4.6
30
200
P0351NL
1.47
2.80
80
3
LCCI-50
4.3
30
200
P0473NL
0.88
1.63
110
2
Polecat
1.5
40
500
P0354NL
1.17
1.22
200
1
Polecat
1.4
40
500
Notes:
1. Optional Tape & Reel packaging can be ordered by adding a “
T” suffix to
the part number (i.e. P0502 becomes P0502
T). Pulse complies to industry
standard tape and reel specification EIA481.
2. The “
NL” suffix indicates an RoHS-compliant part number. Non-NL suffixed
parts are not necessarily RoHS compliant, but are electrically and mechanically
3
equivalent to NL versions. If a part number does not have the “
NL” suffix, but an RoHS compliant
version is required, please contact Pulse for availability.
3. The temperature of the component (ambient plus temperature rise) must be within the stated
operating temperature range.
100 KHz
1 MHz
10 MHz
100 MHz
Frequency
15K
12K
9K
6K
3K
0
4
1
2
3
5
100 KHz
1 MHz
10 MHz
100 MHz
Frequency
7.5K
6.0K
4.5K
3.0K
1.5K
0
6
7
9
8
116


Similar Part No. - P0420NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0420NL PULSE-P0420NL Datasheet
782Kb / 2P
   Solutions based on impedance, size and current, Designed for DC/DC converters, Dielectric strength: 1000VRMS
P0420NL PULSE-P0420NL Datasheet
784Kb / 2P
   Solutions based on impedance, size and current
P0420NL PULSE-P0420NL Datasheet
784Kb / 2P
   Solutions based on impedance, size and current Designed for DC/DC converters
P0420NL PULSE-P0420NL Datasheet
784Kb / 2P
   SMT Common Mode Chokes
P0420NL PULSE-P0420NL Datasheet
784Kb / 2P
   Solutions based on impedance, size and current
More results

Similar Description - P0420NL

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
TOKO, Inc
DEM3518C TOKO-DEM3518C Datasheet
250Kb / 1P
   Ideal for a variety of DC-DC converter inductor applications
MDT2016-CF TOKO-MDT2016-CF Datasheet
187Kb / 1P
   Ideal for a variety of DC-DC converter Inductor application
logo
Pulse A Technitrol Comp...
SPM2007 PULSE-SPM2007_63 Datasheet
784Kb / 2P
   Solutions based on impedance, size and current Designed for DC/DC converters
logo
WALSIN TECHNOLOGY CORPO...
MT18N102J500CT WALSIN-MT18N102J500CT Datasheet
5Mb / 27P
   A wide selection of sizes is available
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
   A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
   A wide range of marker sizes and colors are available for custom designs
logo
Pulse A Technitrol Comp...
P0421NLT PULSE-P0421NLT Datasheet
782Kb / 2P
   Solutions based on impedance, size and current, Designed for DC/DC converters, Dielectric strength: 1000VRMS
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com