Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRA1020 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRA1020
Description  10.0AMPS. Schottky Barrier Rectifiers High surge current capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRA1020 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRA1020_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRA1020_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SRA1020_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
Low power loss, high efficiency
High current capability, low VF
High reliabbility
High surge current capability
Epitaxial construction
Guard-ring for transient protection
Mechanical Data
SRA1020
TO-220AC
50 / TUBE
C0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
IF(AV)
A
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
SRA1020 - SRA10150
10.0AMPS. Schottky Barrier Rectifiers
TO-220AC
Features
For use in low voltage, high frequency
inverter, free wheeling, and polarity
protection application
Parameter
Symbol
SRA
1020
SRA
1030
SRA
1040
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Case: TO-220AC molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: As marked
SRA
1050
SRA
1060
SRA
1090
SRA
10100
SRA
10150
Unit
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
10
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
170
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 10A
VF
0.55
0.70
0.85
0.95
V
mA
15
10
-
-
5
Operating Temperature Range
- 65 to + 125
- 65 to + 150
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=100 ℃
TA=125℃
IR
0.5
0.1
Storage Temperature Range
- 65 to + 150
Note 1 : Pulse Test : 300 usec Pulse Width, 1% Duty Cycle
Note 2 : Measure at 1MHz and Applied Reverse Voltage of 4.0V D.C.
Version:H12
C0G
Typical Junction Capacitance (Note 2)
400
Typical Thermal Resistance
2
Ordering Information(example)
Part No.
Package
Packing
Packing code
Packing code
(Green)
Weight: 1.87 gram
High temperature soldering guaranteed:
260℃/10 seconds/.25", (6.35mm) from case


Similar Part No. - SRA1020_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRA1020 TSC-SRA1020_1 Datasheet
180Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SRA1020 TSC-SRA1020_10 Datasheet
588Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SRA1020 TSC-SRA1020_11 Datasheet
275Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
SRA1020 TSC-SRA1020_14 Datasheet
228Kb / 4P
   Schottky Barrier Rectifier
More results

Similar Description - SRA1020_13

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SR220 FCI-SR220_1 Datasheet
456Kb / 2P
   2.0 Amp SCHOTTKY BARRIER RECTIFIERS High surge current capability
logo
Taiwan Semiconductor Co...
MBR6035PT TSC-MBR6035PT_13 Datasheet
251Kb / 3P
   60.0AMPS. Schottky Barrier Rectifiers High surge capability
MBR4035PT TSC-MBR4035PT_13 Datasheet
253Kb / 3P
   40.0AMPS. Schottky Barrier Rectifiers High surge capability
MBR10H100CT TSC-MBR10H100CT_11 Datasheet
195Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Gaomi Xinghe Electronic...
MBR1035CT GXELECTRONICS-MBR1035CT Datasheet
805Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SRA1020 TSC-SRA1020_11 Datasheet
275Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
PS1045L CHONGQING-PS1045L Datasheet
197Kb / 1P
   10.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR1635 TSC-MBR1635_13 Datasheet
251Kb / 3P
   16.0 AMPS. Schottky Barrier Rectifiers High surge capability
MBR1535CT TSC-MBR1535CT_13 Datasheet
236Kb / 3P
   15.0 AMPS. Schottky Barrier Rectifiers High surge capability
MBR1035 TSC-MBR1035_12 Datasheet
257Kb / 3P
   10.0 AMPS. Schottky Barrier Rectifiers High surge capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com