Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP380LMU15AATBG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP380LMU15AATBG
Description  Fixed / Adjustable Current-Limiting Power-Distribution Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP380LMU15AATBG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP380LMU15AATBG Datasheet HTML 2Page - ON Semiconductor NCP380LMU15AATBG Datasheet HTML 3Page - ON Semiconductor NCP380LMU15AATBG Datasheet HTML 4Page - ON Semiconductor NCP380LMU15AATBG Datasheet HTML 5Page - ON Semiconductor NCP380LMU15AATBG Datasheet HTML 6Page - ON Semiconductor NCP380LMU15AATBG Datasheet HTML 7Page - ON Semiconductor NCP380LMU15AATBG Datasheet HTML 8Page - ON Semiconductor NCP380LMU15AATBG Datasheet HTML 9Page - ON Semiconductor NCP380LMU15AATBG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
NCP380, NCV380
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS Min & Max Limits apply for TA between −40°C to +85°C and TJ up to + 125°C for VIN between
2.5 V to 5.5V (Unless otherwise noted). Typical values are referenced to TA = + 25°C and VIN = 5 V.
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
SUPPLY CURRENT
IINON
High−level output supply current.
VIN = 5 V, device enable
2 A and 2.1 A versions
1 A and 1.5 A current versions
0.5 A current version
90
80
70
mA
IREV
Reverse leakage current
VOUT = 5 V, VIN = 0 V
TJ = 25°C
1.0
mA
FLAG PIN
VOL
FLAG output low voltage
IFLAG = 1 mA
400
mV
ILEAK
Off−state leakage
VFLAG = 5 V
1.0
mA
TFLG
FLAG deglitch
FLAG de−assertion time due to overcurrent or
reverse voltage condition
4.0
6.0
9.0
ms
TFOCP
FLAG deglitch
FLAG assertion due to overcurrent
6.0
8.0
12
ms
THERMAL SHUTDOWN
TSD
Thermal shutdown threshold
140
°C
TSDOCP
Thermal regulation threshold
125
°C
TRSD
Thermal shutdown rearming
threshold
115
°C
10.Parameters are guaranteed for CLOAD and RLOAD connected to the OUT pin with respect to the ground, See Figure 3.
11. Adjustable current version, RILIM tolerance ±1%.
12.Fixed current version.
13.Not production test, guaranteed by characterization.
IN
OUT
GND
NCP380
CLOAD
RLOAD
VIN
1
mF
Figure 3. Test Configuration
TON
TOFF
50%
90%
10%
VEN
VEN
VOUT
90%
10%
VOUT
10%
TR
TF
Figure 4. Voltage Waveform


Similar Part No. - NCP380LMU15AATBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP380LMU15AATBG ONSEMI-NCP380LMU15AATBG Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
NCP380LMU15AATBG ONSEMI-NCP380LMU15AATBG Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
More results

Similar Description - NCP380LMU15AATBG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC2005A MICREL-MIC2005A Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
   Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP380HMUAJAGEVB ONSEMI-NCP380HMUAJAGEVB Datasheet
627Kb / 23P
   Fixed/Adjustable Current??Limiting Power?륞istribution Switches
April, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com