Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ60 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ60
Description  1500 Watts Suface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ60 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SMCJ60 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ60 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ60 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ60 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ60 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMCJ60 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMCJ60 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CREAT BY ART
Low profile package
Built-in strain relief
Glass passivated junction
Excellent clamping capability
Typical IR less than 1uA above 10V
SMCJ5.0
SMC
850 / 7" REEL
R7
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
PPK
Watts
PD
Watts
TJ, TSTG
SMCJ SERIES
1500 Watts Suface Mount Transient Voltage Suppressor
SMC/DO-214AB
Features
For surface mounted application
Fast response time: Typically less than 1.0ps from
0 volt to BV min
High temperature soldering guaranteed:
260℃ / 10 seconds at terminals
Plastic material used carried Underwriters
Laboratory Flammability Classification 94V-0
1500 watts peak pulse power capability with a
10/1000 us waveform
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Case: Molded plastic
Terminals: Pure tin plated, lead free
Polarity: Indicated by cathode band
Standard packaging: 16mm tape per EIA Std RS-481
Weight: 0.26 gram
Type Number
Value
Peak Power Dissipation at TA=25℃, Tp=1ms(Note 1)
1500
Steady State Power Dissipation
5
Peak Forward Surge Current, 8.3ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method)(Note 2) - Unidirectional Only
IFSM
200
Amps
Maximum Instantaneous Forward Voltage at 50 A for
Unidirectional Only (Note 3)
VF
3.5 / 5.0
Volts
Typical Thermal Resistance
RθJC
RθJA
10
55
/W
Operating and Storage Temperature Range
-55 to +150
Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25℃ Per Fig. 2
Note 2: Mounted on 16mm x 16mm Copper Pads to Each Terminal
Note 3: VF=3.5V on SMCJ5.0 thru SMCJ90 Devices and VF=5.0V on SMCJ100 thru SMCJ170 Devices
Devices for Bipolar Applications
1. For Bidrectional Use C or CA Suffix for Types SMCJ5.0 through Types SMCJ170
2. Electrical Characterstics Apply in Both Directions
Version:J13
Ordering Information (example)
Part No.
Package
Packing
Packing
code
Packing code
(Green)
R7G


Similar Part No. - SMCJ60

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMCJ60 TSC-SMCJ60 Datasheet
192Kb / 7P
   1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
logo
Dc Components
SMCJ60 DCCOM-SMCJ60 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMCJ60 YANGJIE-SMCJ60 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SMCJ60 SUNMATE-SMCJ60 Datasheet
312Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Formosa MS
SMCJ60 FORMOSA-SMCJ60 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ60

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
   400 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com