Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMH1215XC Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # NMH1215XC
Description  Isolated 2W Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NMH1215XC Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  NMH1215XC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMH1215XC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMH1215XC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NMH1215XC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NMH1215XC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NMH1215XC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NMH Series
Isolated 2W Dual Output DC/DC Converters
KDC_NMH.E03 Page 6 of 6
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2012 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
PACKAGE SPECIFICATIONS (continued)
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
Unless otherwise stated all dimensions in inches (mm) ±0.5mm.
Tube length (14 Pin DIP) : 20.47 (520mm ±2mm).
Tube length (7 Pin SIP) : 20.47 (520mm ±2mm).
14 Pin DIP Tube
7 Pin SIP Tube
14 Pin DIP Package
7 Pin SIP Package
Tube Quantity : 25
0.1 (2.54)
0.045 (1.15)
0.039 (1.00)
Ø
0.1 (2.54)
0.045 (1.15)
0.039 (1.00)
Ø
0.1 (2.54)
0.1 (2.54)
5 HOLES
0.00394 (0.1)
5 HOLES
0.00394 (0.1


Similar Part No. - NMH1215XC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMH1215D CANDD-NMH1215D Datasheet
111Kb / 2P
   ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
NMH1215DC MURATA-PS-NMH1215DC Datasheet
272Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH1215S CANDD-NMH1215S Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
NMH1215S CANDD-NMH1215S Datasheet
111Kb / 2P
   ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
NMH1215SC MURATA-PS-NMH1215SC Datasheet
272Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
More results

Similar Description - NMH1215XC

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
logo
Microdc power Technolog...
2A-XD MICRODC-2A-XD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH05055 CANDD-NMH05055 Datasheet
111Kb / 2P
   ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
NMH MURATA-PS-NMH Datasheet
272Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
A-XD-2W MICRODC-A-XD-2W Datasheet
1Mb / 5P
   Isolated 2W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NTH0505MC MURATA-NTH0505MC Datasheet
232Kb / 6P
   Isolated 2W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMS1205C MURATA-NMS1205C Datasheet
171Kb / 3P
   6kVDC Isolated 2W Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com