Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMH2409DC Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # NMH2409DC
Description  Isolated 2W Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NMH2409DC Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  NMH2409DC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMH2409DC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMH2409DC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NMH2409DC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NMH2409DC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NMH2409DC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NMH Series
Isolated 2W Dual Output DC/DC Converters
KDC_NMH.E03 Page 5 of 6
www.murata-ps.com/support
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS - 14 PIN DIP
Pin
Function
1-VIN
7NC
8OV
9+VOUT
11
-VOUT
14
+VIN
PIN CONNECTIONS - 7 PIN SIP
Pin
Function
1+VIN
2-VIN
4-VOUT
5OV
6+VOUT
All dimensions in inches ±0.01 (mm ±0.25mm). All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position.
Weight: 2.85g (DIP) 2.76g (SIP)
DIP package
SIP package
0.77 (19.50)
0.39
(9.80)
0.303
(7.70)
0.181 (4.60)
0.142 (3.60)
0.022 (0.55)
0.0178 (0.45)
0.6 (15.24)
0.084
(2.13)
0.3 (7.62)
0.0118 (0.30)
0.0078 (0.20)
0.043
(1.09)
0.1 (2.54)
1
7
14
11
9
8
XYYWWi
NMH0505DC
0.77
(19.50)
0.295
(7.50)
0.4
(10.00)
0.181 (4.60)
0.142 (3.60)
0.0118 (0.30)
0.0078 (0.20)
0.5 (12.70)
0.05
(1.25)
0.079
(2.00)
0.022 (0.55)
0.0178 (0.45)
0.1 (2.54)
0.022 (0.55)
0.0178 (0.45)
NMH0505SC
XYYWWi
1
2
4
5
6


Similar Part No. - NMH2409DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NMH2409DC MURATA-PS-NMH2409DC Datasheet
272Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
More results

Similar Description - NMH2409DC

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
logo
Microdc power Technolog...
2A-XD MICRODC-2A-XD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH05055 CANDD-NMH05055 Datasheet
111Kb / 2P
   ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
NMH MURATA-PS-NMH Datasheet
272Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
A-XD-2W MICRODC-A-XD-2W Datasheet
1Mb / 5P
   Isolated 2W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NTH0505MC MURATA-NTH0505MC Datasheet
232Kb / 6P
   Isolated 2W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMS1205C MURATA-NMS1205C Datasheet
171Kb / 3P
   6kVDC Isolated 2W Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com