Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7BB-35-3C Datasheet(PDF) 25 Page - Murata Manufacturing Co., Ltd.

Part # 7BB-35-3C
Description  EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

7BB-35-3C Datasheet(HTML) 25 Page - Murata Manufacturing Co., Ltd.

Back Button 7BB-35-3C Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. 7BB-35-3C Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. 7BB-35-3C Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. 7BB-35-3C Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. 7BB-35-3C Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. 7BB-35-3C Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. 7BB-35-3C Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. 7BB-35-3C Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. 7BB-35-3C Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Piezoelectric Sound Components
Piezoelectric Ringers (PIEZORINGER
r)
As the result of rapid development of ICs in
telephones, demand for piezoelectric sounders as
telephone ringers has also rapidly increased. To
effectively satisfy this rising demand, Murata
provides a suitable piezoelectric sounder called
"PIEZORINGER" with the following features.
c Features
1. Extremely clear sound
2. Since it is voltage driven, the power consumption
is negligible.
3. It can be driven directly from ICs.
4. Thin and lightweight
0.4
R18.5
120˚
(in mm)
Tol.: ±0.5
Part Number
PKM33EPH1201C
PKM33EPH1202C
5.0
0
33
+0
–0.4
PKM33EPH1201C
ø34.5
3.3
40.0
46.0
ø2.8
(in mm)
Tol.: ±0.5
PKM34EWH1101C/1201C
61.0
52.0
2–ø3.5
(in mm)
Tol.: ±0.5
PKM44EWH1001C
Pin Type
Part Number
Sound
Pressure Level
(dB)
Sound Pressure
Level (Ref. only)
(dB)
Operating
Voltage Range
Capacitance
(nF)
Operating
Temp. Range
(°C)
Storage
Temp. Range
(°C)
PKM33EPH1201C
68 min.
[30Vp-p,1.2kHz,square wave,1m]
65 min.
[1Vrms,1.2kHz,sine wave,10cm]
40.0Vp-p max.
40.0 ±30%
[120Hz]
-20 to +70
-30 to +80
P37E.pdf
Feb.1,2012
23
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
6
Lead Wire Type
Part Number
Sound
Pressure Level
(dB)
Sound Pressure
Level (Ref. only)
(dB)
Operating
Voltage Range
Capacitance
(nF)
Operating
Temp. Range
(°C)
Storage
Temp. Range
(°C)
PKM34EWH1101C
70 min.
[30Vp-p,1.1kHz,square wave,1m]
60 min.
[1Vrms,1.1kHz,sine wave,10cm]
40.0Vp-p max.
40.0 ±30%
[120Hz]
-20 to +70
-30 to +80
PKM34EWH1201C
70 min.
[30Vp-p,1.2kHz,square wave,1m]
60 min.
[1Vrms,1.2kHz,sine wave,10cm]
60.0Vp-p max.
32.0 ±30%
[120Hz]
-20 to +70
-30 to +80
PKM44EWH1001C
75 min.
[30Vp-p,1kHz,square wave,1m]
70 min.
[1Vrms,1kHz,sine wave,10cm]
30.0Vp-p max.
68.0 ±30%
[120Hz]
-20 to +70
-30 to +80


Similar Part No. - 7BB-35-3C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
7BB-35-3C MURATA-7BB-35-3C Datasheet
183Kb / 2P
   Piezoelectric Diaphragms
logo
Murata Manufacturing Co...
7BB-35-3C MURATA1-7BB-35-3C Datasheet
251Kb / 2P
   Piezoelectric Diaphragms
03/11/2024
7BB-35-3CL0 MURATA1-7BB-35-3CL0 Datasheet
255Kb / 2P
   Piezoelectric Diaphragms
03/11/2024
7BB-35-3CL0 MURATA1-7BB-35-3CL0_V01 Datasheet
255Kb / 2P
   Piezoelectric Diaphragms
03/11/2024
7BB-35-3C MURATA1-7BB-35-3C_V01 Datasheet
251Kb / 2P
   Piezoelectric Diaphragms
03/11/2024
More results

Similar Description - 7BB-35-3C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM18CC223R1C3D MURATA-NFM18CC223R1C3D Datasheet
103Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC471R1H3D MURATA-NFM21CC471R1H3D Datasheet
45Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC222R1H3D MURATA-NFM21CC222R1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM41CC471R2A3L MURATA-NFM41CC471R2A3L Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC220U1H3D MURATA-NFM21CC220U1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines NFM21C Series (0805 Size)
NFM3DCC222R1H3L MURATA-NFM3DCC222R1H3L Datasheet
95Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Signal Lines
NFM55PC155F1H4B MURATA-NFM55PC155F1H4B Datasheet
45Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM18PS105R0J3D MURATA-NFM18PS105R0J3D Datasheet
60Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM41PC204F1H3L MURATA-NFM41PC204F1H3L Datasheet
47Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFL18ST107X1C3D MURATA-NFL18ST107X1C3D Datasheet
39Kb / 1P
   Capacitor Type for Signal Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com