Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR102 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # SR102
Description  1.0AMP. Schottky Barrier Rectifiers High reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR102 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SR102 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR102 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR102 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR102 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions
Min
Max
Min
Max
A
2.00
2.70
0.079
0.106
B
0.71
0.86
0.028
0.034
C
25.40
-
1.000
-
D
4.20
5.20
0.165
0.205
E
25.40
-
1.000
-
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
DIM.
Unit(mm)
Unit(inch)
Marking Diagram


Similar Part No. - SR102

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR102 MOSPEC-SR102 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Frontier Electronics.
SR102 FRONTIER-SR102 Datasheet
127Kb / 2P
   1A SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Gude Electronic D...
SR102 JGD-SR102 Datasheet
143Kb / 2P
   1.0 AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SR102 LUGUANG-SR102 Datasheet
188Kb / 2P
   1.0AMP. Schottky Barrier Rectifiers
logo
Diodes Incorporated
SR102 DIODES-SR102 Datasheet
149Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23002 Rev. 5 - 3
More results

Similar Description - SR102

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SK12B WILLAS-SK12B Datasheet
284Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5817 TSC-1N5817_12 Datasheet
250Kb / 4P
   1.0AMP. Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR120 YFWDIODE-SR120 Datasheet
73Kb / 2P
   1.0Amp Schottky Barrier Rectifiers
SR120-DO41 YFWDIODE-SR120-DO41 Datasheet
273Kb / 2P
   1.0Amp Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
1N5817S CHONGQING-1N5817S Datasheet
177Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
SB120L CHONGQING-SB120L Datasheet
176Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SR120 PACELEADER-SR120 Datasheet
439Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Chongqing Pingwei Enter...
MB140 CHONGQING-MB140 Datasheet
175Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SR102 LUGUANG-SR102 Datasheet
188Kb / 2P
   1.0AMP. Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
1N5817 CHONGQING-1N5817_16 Datasheet
177Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com