Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP03XV10305RL Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # NCP03XV10305RL
Description  NTC Thermistors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP03XV10305RL Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button NCP03XV10305RL Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP03XV10305RL Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP03XV10305RL Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP03XV10305RL Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP03XV10305RL Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP03XV10305RL Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NCP03XV10305RL Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NCP03XV10305RL Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NCP03XV10305RL Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
NTC Thermistors
Temperature Sensor and Compensation 0201 (0603) Size
Chip NTC Thermistors have Ni barrier termination
and provide excellent solderability and offer high
stability in environment by unique inner construction.
c Features
1. Excellent solderability and high stability in
environment
2. Excellent long time aging stability
3. High accuracy in resistance and B-Constant
4. Reflow soldering possible
5. NCP series are recognized by UL/cUL.
(UL1434, File No.E137188)
c Applications
1. Temperature compensation for transistor, IC and
crystal oscillator in mobile communications
2. Temperature sensor for rechargeable batteries
3. Temperature compensation of LCD
4. Temperature compensation in general use of electric
circuits
Electrode
(Ag System + Ni Plating + Sn Plating)
0.15±0.05
0.15±0.05
0.60±0.03
(in mm)
Part Number
Resistance
(25°C)
(ohm)
B-Constant
(25-50°C)
(K)
B-Constant
(25-80°C)
(Reference Value) (K)
B-Constant
(25-85°C)
(Reference Value) (K)
B-Constant
(25-100°C)
(Reference Value) (K)
Permissive Operating
Current (25°C)
(mA)
Rated Electric
Power (25°C)
(mW)
Typical Dissipation
Constant (25°C)
(mW/°C)
NCP03XM102
p05RL
1.0k
3500 ±1%
3539
3545
3560
1.00
100
1
NCP03XM152
p05RL
1.5k
3500 ±1%
3539
3545
3560
0.81
100
1
NCP03XM222
p05RL
2.2k
3500 ±1%
3539
3545
3560
0.67
100
1
NCP03XM332
p05RL
3.3k
3500 ±1%
3539
3545
3560
0.55
100
1
NCP03XM472
p05RL
4.7k
3500 ±1%
3539
3545
3560
0.46
100
1
NCP03XH682
p05RL
6.8k
3380 ±1%
3428
3434
3455
0.38
100
1
NCP03XH103F05RL
10k ±1%
3380 ±1%
3428
3434
3455
0.31
100
1
NCP03XH103
p05RL
10k
3380 ±1%
3428
3434
3455
0.31
100
1
NCP03XV103
p05RL
10k
3900 ±1%
3930
3934
3944
0.31
100
1
NCP03XH153
p05RL
15k
3380 ±1%
3428
3434
3455
0.25
100
1
NCP03XH223
p05RL
22k
3380 ±1%
3428
3434
3455
0.21
100
1
NCP03WF333
p05RL
33k
4250 ±1%
4303
4311
4334
0.17
100
1
NCP03WB473
p05RL
47k
4050 ±3%
4101
4108
4131
0.14
100
1
NCP03WL473
p05RL
47k
4485 ±1%
4537
4543
4557
0.14
100
1
NCP03WF683
p05RL
68k
4250 ±1%
4303
4311
4334
0.12
100
1
NCP03WL683
p05RL
68k
4485 ±1%
4537
4543
4557
0.12
100
1
NCP03WF104F05RL
100k ±1%
4250 ±1%
4303
4311
4334
0.10
100
1
NCP03WF104
p05RL
100k
4250 ±1%
4303
4311
4334
0.10
100
1
NCP03WL104
p05RL
100k
4485 ±1%
4537
4543
4557
0.10
100
1
NCP03WL154
p05RL
150k
4485 ±1%
4537
4543
4557
0.08
100
1
NCP03WL224
p05RL
220k
4485 ±1%
4537
4543
4557
0.06
100
1
p is filled with resistance tolerance codes (E: ±3%, J: ±5%).
Rated Electric Power shows the required electric power that causes Thermistor's temperature to rise to 125°C by self heating, at ambient temperature of 25 °C.
Operating Temperature Range: -40°C to +125°C
R44E.pdf
Dec.17,2012
7
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1


Similar Part No. - NCP03XV10305RL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03XV10305RL MURATA-NCP03XV10305RL Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP03XV10305RL MURATA-NCP03XV10305RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP03XV10305RL MURATA-NCP03XV10305RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP03XV10305RL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com