Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ20A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SMAJ20A
Description  400 Watts Suface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMAJ20A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SMAJ20A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMAJ20A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMAJ20A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMAJ20A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMAJ20A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMAJ20A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMAJ20A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
creat by art
Low profile package
Built-in strain relief
Glass passivated junction
Excellent clamping capability
Typical IR less than 1uA above 10V
SMAJ5.0
SMA
1.8K / 7" REEL
R3
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
Unit
PPK
Watts
PD
Watts
TJ, TSTG
SMAJ SERIES
400 Watts Suface Mount Transient Voltage Suppressor
SMA/DO-214AC
Features
For surface mounted application
Fast response time: Typically less than 1.0ps from
0 volt to BV min
High temperature soldering guaranteed:
260℃ / 10 seconds at terminals
Plastic material used carried Underwriters
Laboratory Flammability Classification 94V-0
400 watts peak pulse power capability with a 10 /
1000 us waveform (300W above 78V)
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Case: Molded plastic
Terminals: Pure tin plated, lead free
Polarity: Indicated by cathode band
Packaging: 12mm tape per EIA Std RS-481
Weight: 0.064 gram
Ordering Information (example)
Part No.
Package
Packing
Packing
code
Packing code
(Green)
R3G
Type Number
Value
Peak Power Dissipation at TA=25℃, Tp=1ms(Note 1)
400
Steady State Power Dissipation
1
Peak Forward Surge Current, 8.3ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 2)
IFSM
40
Amps
Maximum Instantaneous Forward Voltage at 25.0A for
Unidirectional Only
VF
3.5
Volts
1. For Bidrectional Use C or CA Suffix for Types SMAJ5.0 through Types SMAJ188
2. Electrical Characterstics Apply in Both Directions
Version:I13
Operating and Storage Temperature Range
-55 to +150
Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25℃ Per Fig. 2
Note 2: Mounted on 5 x 5mm Copper Pads to Each Terminal
Devices for Bipolar Applications


Similar Part No. - SMAJ20A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ20A JGD-SMAJ20A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMAJ20A VISHAY-SMAJ20A Datasheet
100Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
logo
Shanghai Leiditech Elec...
SMAJ20A LEIDITECH-SMAJ20A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
logo
Littelfuse
SMAJ20A LITTELFUSE-SMAJ20A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Yangzhou yangjie electr...
SMAJ20A YANGJIE-SMAJ20A Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
More results

Similar Description - SMAJ20A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_1 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com