Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6006D Datasheet(PDF) 3 Page - Littelfuse

Part # S6006D
Description  RoHS Compliant, Electrically-isolated package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6006D Datasheet(HTML) 3 Page - Littelfuse

  S6006D Datasheet HTML 1Page - Littelfuse S6006D Datasheet HTML 2Page - Littelfuse S6006D Datasheet HTML 3Page - Littelfuse S6006D Datasheet HTML 4Page - Littelfuse S6006D Datasheet HTML 5Page - Littelfuse S6006D Datasheet HTML 6Page - Littelfuse S6006D Datasheet HTML 7Page - Littelfuse S6006D Datasheet HTML 8Page - Littelfuse S6006D Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheets
SCRs
©2004 Littelfuse, Inc.
E6 - 3
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Electrical Specification Notes
(1) See Figure E6.5 through Figure E6.16 for current rating at
specified operating case temperature.
(2) See Figure E6.1 and Figure E6.2 for free air current rating.
(3) See Figure E6.19 and Figure E6.20 for instantaneous on-state
current versus on-state voltage (typical).
(4) See Figure E6.18 for IGT versus TC.
(5) See Figure E6.17 for IH versus TC.
(6) For more than one full cycle rating, see Figure E6.23.
(7) See Figure E6.22 for tgt versus IGT.
(8) See Figure E6.21 for VGT versus TC.
(9) Test conditions are as follows:
•IT = 1 A for 1 A devices and 2 A for all other devices
• Pulse duration = 50 µs, dv/dt = 20 V/µs, di/dt = -10 A/µs for 1 A
devices, and -30 A/µs for other devices
•IGT = 200 mA at turn-on
(10) See Figure E6.5 through Figure E6.10 for maximum allowable
case temperatures at maximum rated current.
(11) See package outlines for lead form configuration. When ordering
special lead forming, add type number as suffix to part number.
(12) Pulse width
≤10 µs
(13) Initial on-state current = 200 mA dc for 1 A through 16 A devices;
400 mA dc for 20 A through 70 A devices.
(14) TC = TJ for test conditions in off state.
(15) The R, K, or M package rating is intended for high surge condition
use only and not recommended for
≥50 A rms continuous current
use since narrow pin lead temperature can exceed PCB solder
melting temperature. Teccor's J package or W package is
recommended for
≥50 A rms continuous current requirements.
(16) For various durations of an exponentially decaying current
waveform, see Figure E6.3 and Figure E6.4. (tW is defined as
5 time constants.)
(17) Minimum non-trigger VGT at 125 °C is 0.2 V.
IDRM & IRRM
VTM
VGT
IH
IGM
PGM
PG(AV)
ITSM
dv/dt
I2t
di/dt
tgt
tq
(14)
mAmps
(3)
Volts
(8)
(17)
Volts
(5) (13)
mAmps
(12)
Amps
(12)
Watts
Watts
(6) (10)
Amps
Volts/µSec
Amps2Sec
Amps/µSec
(7)
µSec
(9) (10)
µSec
TC =
25 °C
TC =
100 °C
TC =
125 °C
TC =
25 °C
TC =
25 °C
60/50 Hz
TC =
100 °C
TC =
125 °C
MAX
MAX
MAX
MAX
MIN
MIN
TYP
MAX
0.01
0.2
0.5
1.6
1.5
30
1.5
15
0.3
30/25
40
20
3.7
50
2
35
0.01
0.2
0.5
1.6
1.5
30
1.5
15
0.3
30/25
40
20
3.7
50
2
35
0.01
0.2
0.5
1.6
1.5
30
1.5
15
0.3
30/25
40
20
3.7
50
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
350
250
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
350
250
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
300
225
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
250
200
41
100
2
35
0.02
3
1.6
1.5
30
2
20
0.5
100/83
100
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
350
250
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
350
250
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
300
225
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
250
200
41
100
2
35
0.02
3
1.6
1.5
30
2
20
0.5
100/83
100
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
350
250
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
350
250
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
300
225
41
100
2
35
0.02
0.5
1
1.6
1.5
30
2
20
0.5
100/83
250
200
41
100
2
35
0.02
3
1.6
1.5
30
2
20
0.5
100/83
100
41
100
2
35
0.01
0.5
1
1.6
1.5
40
2
20
0.5
120/100
350
250
60
100
2
35
0.01
0.5
1
1.6
1.5
40
2
20
0.5
120/100
350
250
60
100
2
35
0.01
0.5
1
1.6
1.5
40
2
20
0.5
120/100
300
225
60
100
2
35
0.02
0.5
1
1.6
1.5
40
2
20
0.5
120/100
250
200
60
100
2
35
0.02
3
1.6
1.5
40
2
20
0.5
120/100
100
60
100
2
35


Similar Part No. - S6006D

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S6006D TECCOR-S6006D Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S6006D LITTELFUSE-S6006D Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S6006D LITTELFUSE-S6006D Datasheet
218Kb / 12P
   RoHS Compliant
logo
List of Unclassifed Man...
S6006D ETC2-S6006D Datasheet
218Kb / 12P
   RoHS Compliant
logo
Littelfuse
S6006DS2 LITTELFUSE-S6006DS2 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
More results

Similar Description - S6006D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6015L52 LITTELFUSE-S6015L52 Datasheet
218Kb / 12P
   Electrically-isolated package
logo
Teccor Electronics
EC103A TECCOR-EC103A Datasheet
984Kb / 12P
   Electrically-isolated To-220AB package
logo
AIMTEC
AM2DS-Z AIMTEC-AM2DS-Z Datasheet
151Kb / 3P
   RoHS compliant SIP7 package
logo
IXYS Corporation
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
   Electrically isolated back surface Electrically isolated back surface
logo
SMSC Corporation
EVB-USB82640 SMSC-EVB-USB82640 Datasheet
853Kb / 8P
   48-pin QFN (RoHS compliant) package
logo
Analog Devices
HMC561LP3 AD-HMC561LP3 Datasheet
365Kb / 6P
   RoHS Compliant 3x3 mm SMT Package
logo
SMSC Corporation
EVB-USB2660 SMSC-EVB-USB2660 Datasheet
426Kb / 8P
   64-Pin QFN (RoHS compliant) package.
logo
Analog Devices
HMC447LC3 AD-HMC447LC3 Datasheet
397Kb / 8P
   RoHS Compliant 3x3 mm SMT Package
HMC573LC3B AD-HMC573LC3B Datasheet
337Kb / 6P
   RoHS Compliant 3x3 mm SMT Package
logo
List of Unclassifed Man...
Q4004F312 ETC2-Q4004F312 Datasheet
236Kb / 10P
   Electrically-isolated packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com