Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7BB-27-4 Datasheet(PDF) 32 Page - Murata Manufacturing Co., Ltd.

Part # 7BB-27-4
Description  EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

7BB-27-4 Datasheet(HTML) 32 Page - Murata Manufacturing Co., Ltd.

Back Button 7BB-27-4 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. 7BB-27-4 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. 7BB-27-4 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. 7BB-27-4 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. 7BB-27-4 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. 7BB-27-4 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. 7BB-27-4 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. 7BB-27-4 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. 7BB-27-4 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Piezoelectric Sound Components Notice
c Notice (Storage and Operating Condition)
P37E.pdf
Feb.1,2012
30
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
1. Product Storage Condition
Please store the products in a room where the
temperature/humidity is stable and avoid places
where there are large temperature changes.
Please store the products under the following
conditions:
Temperature: -10 to + 40°C
Humidity: 15 to 85% R.H.
2. Expiration Date on Storage
Expiration date (shelf life) of the products is six
months after delivery under the conditions of a
sealed and unopened package. Please use the
products within six months after delivery. If you
store the products for a long time (more than six
months), use carefully because the products may
be degraded in solderability due to storage under
poor conditions.
Please confirm solderability and characteristics
for the products regularly.
3. Notice on Product Storage
(1) Please do not store the products in a chemical
atmosphere (Acids, Alkali, Bases, Organic gas,
Sulfides and so on), because the characteristics
may be reduced in quality, may be degraded in
solderability due to storage in a chemical
atmosphere.
(2) Please do not put the products directly on the
floor without anything under them to avoid damp
places and/or dusty places.
(3) Please do not store the products in places such
as: in a damp heated place or any place exposed
to direct sunlight or excessive vibration.
(4) Please use the products immediately after the
package is opened, because the characteristics
may be reduced in quality, and/or be degraded in
the solderability due to storage under poor
conditions.
(5) Please do not drop the products to avoid cracking
of the ceramic element.
4. Other
Please be sure to consult with our sales
representative or engineer whenever the products
are to be used in conditions not listed above.


Similar Part No. - 7BB-27-4

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
7BB-27-4 MURATA-7BB-27-4 Datasheet
180Kb / 2P
   Piezoelectric Diaphragms
logo
Murata Manufacturing Co...
7BB-27-4 MURATA1-7BB-27-4 Datasheet
196Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
7BB-27-4 MURATA1-7BB-27-4 Datasheet
249Kb / 2P
   Piezoelectric Diaphragms
03/11/2024
logo
Murata Manufacturing Co...
7BB-27-4C MURATA-7BB-27-4C Datasheet
183Kb / 2P
   Piezoelectric Diaphragms
logo
Murata Manufacturing Co...
7BB-27-4C MURATA1-7BB-27-4C Datasheet
198Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
More results

Similar Description - 7BB-27-4

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM18CC223R1C3D MURATA-NFM18CC223R1C3D Datasheet
103Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC471R1H3D MURATA-NFM21CC471R1H3D Datasheet
45Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC222R1H3D MURATA-NFM21CC222R1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM41CC471R2A3L MURATA-NFM41CC471R2A3L Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC220U1H3D MURATA-NFM21CC220U1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines NFM21C Series (0805 Size)
NFM3DCC222R1H3L MURATA-NFM3DCC222R1H3L Datasheet
95Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Signal Lines
NFM55PC155F1H4B MURATA-NFM55PC155F1H4B Datasheet
45Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM18PS105R0J3D MURATA-NFM18PS105R0J3D Datasheet
60Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM41PC204F1H3L MURATA-NFM41PC204F1H3L Datasheet
47Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFL18ST107X1C3D MURATA-NFL18ST107X1C3D Datasheet
39Kb / 1P
   Capacitor Type for Signal Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com