Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7BB-15-6 Datasheet(PDF) 18 Page - Murata Manufacturing Co., Ltd.

Part # 7BB-15-6
Description  EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

7BB-15-6 Datasheet(HTML) 18 Page - Murata Manufacturing Co., Ltd.

Back Button 7BB-15-6 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. 7BB-15-6 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. 7BB-15-6 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. 7BB-15-6 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. 7BB-15-6 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. 7BB-15-6 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. 7BB-15-6 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. 7BB-15-6 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. 7BB-15-6 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Piezoelectric Sounders (External Drive Pin Type Taping) Circuit/Notice
510
Ω 20kΩ
20k
Ω 510Ω
1k
Ω
+V
1k
Ω
0.01μF
0.01μF
+V
1k
Ω
1k
Ω
120k
Ω
1M
Ω
Input
0.001μF
The following are examples of externally driven circuits.
(1) Unstable multi-vibrator using Tr.
(2) Circuits using inverters or NAND gates.
(1)
(2)
c Circuit
c Notice (Soldering and Mounting)
1. The component may be damaged if mechanical stress
exceeding specifications is applied.
2. Take care to protect the operating circuit from surge
voltage resulting from excessive force, falling, shock or
temperature change.
3. If DC voltage is applied to the component, silver migration
may occur. Please strictly avoid subjecting the
component to DC voltage for long periods.
4. The resistor should be used as shown in Fig. A.
A suitable resistance value should be chosen, preferably
1k
Ω to 2kΩ. Instead of this measure, a diode may also be
applied as shown in Fig. B.
5. Avoid excessive pulling of the lead wire because the wire
may break or the soldering point come off.
IC
Fig. A
IC
Fig. B
R
c Notice (Handling)
P37E.pdf
Feb.1,2012
16
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
3
1. Notice (Soldering and Mounting)
(1) Soldering Iron
(a) Immerse lead terminals up to 1.5mm from
component's body in soldering bath of +260±5°C
for 10±1.0 seconds, and then leave components
in natural conditions for 4 hours.
(b) Directly contact the lead terminal with the
tip of the soldering iron for +350±5 °C for
3.0±0.5 seconds, and then leave components
in natural conditions for 4 hours.
(2) Reflow
The component cannot withstand reflow soldering.
2. Please do not insert the component on double-sided
PCB with plated through hole. When melted solder
touches the base of lead terminal, a part of the plastic
case may melt, causing electrical failure.
3. Washing of the component is not acceptable.
Because it is not sealed.


Similar Part No. - 7BB-15-6

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
7BB-15-6 MURATA-7BB-15-6 Datasheet
182Kb / 2P
   Piezoelectric Diaphragms
logo
Murata Manufacturing Co...
7BB-15-6 MURATA1-7BB-15-6 Datasheet
248Kb / 2P
   Piezoelectric Diaphragms
03/11/2024
logo
Murata Manufacturing Co...
7BB-15-6L0 MURATA-7BB-15-6L0 Datasheet
184Kb / 8P
   specification of piezoelectric diaphragm
logo
Murata Manufacturing Co...
7BB-15-6 MURATA1-7BB-15-6_V01 Datasheet
248Kb / 2P
   Piezoelectric Diaphragms
03/11/2024
More results

Similar Description - 7BB-15-6

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM18CC223R1C3D MURATA-NFM18CC223R1C3D Datasheet
103Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC471R1H3D MURATA-NFM21CC471R1H3D Datasheet
45Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC222R1H3D MURATA-NFM21CC222R1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM41CC471R2A3L MURATA-NFM41CC471R2A3L Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC220U1H3D MURATA-NFM21CC220U1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines NFM21C Series (0805 Size)
NFM3DCC222R1H3L MURATA-NFM3DCC222R1H3L Datasheet
95Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Signal Lines
NFM55PC155F1H4B MURATA-NFM55PC155F1H4B Datasheet
45Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM18PS105R0J3D MURATA-NFM18PS105R0J3D Datasheet
60Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM41PC204F1H3L MURATA-NFM41PC204F1H3L Datasheet
47Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFL18ST107X1C3D MURATA-NFL18ST107X1C3D Datasheet
39Kb / 1P
   Capacitor Type for Signal Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com