Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7BB-15-6 Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd.

Part # 7BB-15-6
Description  EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

7BB-15-6 Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button 7BB-15-6 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. 7BB-15-6 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. 7BB-15-6 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. 7BB-15-6 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. 7BB-15-6 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. 7BB-15-6 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. 7BB-15-6 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. 7BB-15-6 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. 7BB-15-6 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Continued from the preceding page.
40
50
Frequency (Hz)
100
500
1k
5k
10k
20k
60
70
80
90
100
Input Voltage: 3.00 Vp-p Square
Distance: 10cm
c Freq. Response (Square Wave 3Vp-p, 10cm)
PKM22EPTH2001-B0
40
50
Frequency (Hz)
100
500
1k
5k
10k
20k
60
70
80
90
100
Input Voltage: 1.00 Vrms Sine
Distance: 10cm
c Freq. Response (Sine Wave 1Vrms, 10cm)
PKM13EPYH4002-B0
40
50
Frequency (Hz)
100
500
1k
5k
10k
20k
60
70
80
90
100
Input Voltage: 1.00 Vrms Sine
Distance: 10cm
PKM17EPP-2002-B0
40
50
Frequency (Hz)
100
500
1k
5k
10k
20k
60
70
80
90
100
Input Voltage: 1.00 Vrms Sine
Distance: 10cm
PKM17EPPH4001-B0
40
50
Frequency (Hz)
100
500
1k
5k
10k
20k
60
70
80
90
100
Input Voltage: 1.00 Vrms Sine
Distance: 10cm
PKM22EPH2001
40
50
Frequency (Hz)
100
500
1k
5k
10k
20k
60
70
80
90
100
Input Voltage: 1.00 Vrms Sine
Distance: 10cm
PKM22EPPH2001-B0
40
50
Frequency (Hz)
100
500
1k
5k
10k
20k
60
70
80
90
100
Input Voltage: 1.00 Vrms Sine
Distance: 10cm
PKM22EPPH4001-B0
Continued on the following page.
P37E.pdf
Feb.1,2012
11
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
2


Similar Part No. - 7BB-15-6

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
7BB-15-6 MURATA-7BB-15-6 Datasheet
182Kb / 2P
   Piezoelectric Diaphragms
logo
Murata Manufacturing Co...
7BB-15-6 MURATA1-7BB-15-6 Datasheet
248Kb / 2P
   Piezoelectric Diaphragms
03/11/2024
logo
Murata Manufacturing Co...
7BB-15-6L0 MURATA-7BB-15-6L0 Datasheet
184Kb / 8P
   specification of piezoelectric diaphragm
logo
Murata Manufacturing Co...
7BB-15-6 MURATA1-7BB-15-6_V01 Datasheet
248Kb / 2P
   Piezoelectric Diaphragms
03/11/2024
More results

Similar Description - 7BB-15-6

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM18CC223R1C3D MURATA-NFM18CC223R1C3D Datasheet
103Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC471R1H3D MURATA-NFM21CC471R1H3D Datasheet
45Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC222R1H3D MURATA-NFM21CC222R1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM41CC471R2A3L MURATA-NFM41CC471R2A3L Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC220U1H3D MURATA-NFM21CC220U1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines NFM21C Series (0805 Size)
NFM3DCC222R1H3L MURATA-NFM3DCC222R1H3L Datasheet
95Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Signal Lines
NFM55PC155F1H4B MURATA-NFM55PC155F1H4B Datasheet
45Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM18PS105R0J3D MURATA-NFM18PS105R0J3D Datasheet
60Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM41PC204F1H3L MURATA-NFM41PC204F1H3L Datasheet
47Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFL18ST107X1C3D MURATA-NFL18ST107X1C3D Datasheet
39Kb / 1P
   Capacitor Type for Signal Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com