Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTH162373 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LVTH162373
Description  Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH162373 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVTH162373 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH162373 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH162373 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH162373 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH162373 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH162373 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH162373 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500354
www.fairchildsemi.com
October 2000
Revised June 2005
74LVTH162373
Low Voltage 16-Bit Transparent Latch with
3-STATE Outputs and
25
: Series Resistors in the Outputs
General Description
The LVTH162373 contains sixteen non-inverting latches
with 3-STATE outputs and is intended for bus oriented
applications. The device is byte controlled. The flip-flops
appear transparent to the data when the Latch Enable (LE)
is HIGH. When LE is LOW, the data that meets the setup
time is latched. Data appears on the bus when the Output
Enable (OE) is LOW. When OE is HIGH, the outputs are in
a high impedance state.
The LVTH162373 is designed with equivalent 25
: series
resistance in both the HIGH and LOW states of the output.
This design reduces line noise in applications such as
memory address drivers, clock drivers, and bus transceiv-
ers/transmitters.
The LVTH162373 data inputs include bushold, eliminating
the need for external pull-up resistors to hold unused
inputs.
These latches are designed for low-voltage (3.3V) VCC
applications, but with the capability to provide a TTL inter-
face to a 5V environment. The LVTH162373 is fabricated
with an advanced BiCMOS technology to achieve high
speed operation similar to 5V ABT while maintaining a low
power dissipation.
Features
s Input and output interface capability to systems at
5V VCC
s Bushold data inputs eliminate the need for external
pull-up resistors to hold unused inputs
s Live insertion/extraction permitted
s Power Up/Down high impedance provides glitch-free
bus loading
s Outputs include equivalent series resistance of 25
: to
make external termination resistors unnecessary and
reduce overshoot and undershoot
s Functionally compatible with the 74 series 16373
s Latch-up performance exceeds 500 mA
s ESD performance:
Human-body model
! 2000V
Machine model
! 200V
Charged-device model
! 1000V
Ordering Code:
Note 1: Use this Order Number to receive devices in Tape and Reel.
Logic Symbol
Order Number
Package
Number
Package Description
74LVTH162373MEA
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
[TUBES]
74LVTH162373MEX
(Note 1)
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
[TAPE and REEL]
74LVTH162373MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[TUBES]
74LVTH162373MTX
(Note 1)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[TAPE and REEL]


Similar Part No. - 74LVTH162373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVTH162373DGGRE4 TI-74LVTH162373DGGRE4 Datasheet
398Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
74LVTH162373DGGRE4 TI-74LVTH162373DGGRE4 Datasheet
478Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
74LVTH162373DGGRE4 TI-74LVTH162373DGGRE4 Datasheet
507Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
74LVTH162373DGGRE4 TI1-74LVTH162373DGGRE4 Datasheet
890Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
74LVTH162373DGGRG4 TI-74LVTH162373DGGRG4 Datasheet
478Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVTH162373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT322373 FAIRCHILD-74LVT322373 Datasheet
161Kb / 6P
   Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25??Series Resistors in the Outputs
74LVT162244 FAIRCHILD-74LVT162244 Datasheet
51Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74LVTH162240 FAIRCHILD-74LVTH162240 Datasheet
80Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74LVT162245 FAIRCHILD-74LVT162245 Datasheet
78Kb / 9P
   Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs
74LVT16373 FAIRCHILD-74LVT16373 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVT16373 ONSEMI-74LVT16373 Datasheet
206Kb / 10P
   Low Voltage 16-Bit Transparent Latch 3-STATE Outputs
Revised June 2005
logo
Fairchild Semiconductor
74ACTQ16373 FAIRCHILD-74ACTQ16373 Datasheet
94Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACTQ16373 FAIRCHILD-74ACTQ16373_05 Datasheet
108Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACT16373 FAIRCHILD-74ACT16373 Datasheet
88Kb / 6P
   16-Bit Transparent Latch with 3-STATE Outputs
74LVT2240 FAIRCHILD-74LVT2240_05 Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com