Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA110 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # SA110
Description  500 Watts Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SA110 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SA110 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SA110 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SA110 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SA110 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SA110 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SA110 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SA110 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IT
VWM
ID
IPPM
Vc
VBR
mA
VuAA
V
Mv /
oC
Min.
Max.
(Note 2)
SA36
40.0
48.9
1
36
1
8.1
64.5
46
SA36A
40.0
44.2
1
36.0
1
9.0
58.1
41
SA40
44.4
54.3
1
40
1
7.3
71.4
51
SA40A
44.4
49.1
1
40
1
8.1
64.5
46
SA43
47.8
58.4
1
43
1
6.8
76.7
55
SA43A
47.8
52.8
1
43
1
7.5
69.4
50
SA45
50.0
61.1
1
45
1
6.5
80.3
58
SA45A
50.0
55.3
1
45
1
7.2
72.7
52
SA48
53.3
65.2
1
48
1
6.1
85.5
63
SA48A
53.3
58.9
1
48
1
6.7
77.4
56
SA51
56.7
69.3
1
51
1
5.7
91.1
66
SA51A
56.7
62.7
1
51
1
6.3
82.4
61
SA54
60.0
73.3
1
54
1
5.4
86.3
71
SA54A
60.0
66.3
1
54
1
6.0
87.1
65
SA58
64.4
78.7
1
58
1
5.0
103
78
SA58A
64.4
71.2
1
58
1
5.6
93.6
70
SA60
66.7
81.5
1
60
1
4.9
107
80
SA60A
66.7
73.7
1
60
1
5.4
96.8
71
SA64
71.1
86.9
1
64
1
4.6
114
86
SA64A
71.1
78.6
1
64
1
5.0
103
76
SA70
77.8
95.1
1
70
1
4.2
125
94
SA70A
77.8
86.0
1
70
1
4.6
113
85
SA75
83.3
102
1
75
1
3.9
134
101
SA75A
83.3
92.1
1
75
1
4.3
121
91
SA78
86.7
103
1
78
1
3.7
139
105
SA78A
86.7
95.8
1
78
1
4.1
126
95
SA85
94.4
115
1
85
1
3.4
151
114
SA85A
94.4
104
1
85
1
3.8
137
103
SA90
100
122
1
90
1
3.2
160
121
SA90A
100
111
1
90
1
3.5
146
110
SA100
111
136
1
100
1
2.9
179
135
SA100A
111
123
1
100
1
3.2
162
123
SA110
122
149
1
110
1
2.6
196
148
SA110A
122
135
1
110
1
2.9
177
133
SA120
133
163
1
120
1
2.4
214
162
SA120A
133
147
1
120
1
2.7
193
146
SA130
144
176
1
130
1
2.2
230
175
SA130A
144
159
1
130
1
2.5
209
158
SA150
167
204
1
150
1
1.9
268
203
SA150A
167
185
1
150
1
2.1
243
184
SA160
178
218
1
160
1
2.0
257
217
SA160A
178
197
1
160
1
2.0
259
196
SA170
189
231
1
170
1
1.7
304
230
SA170A
189
209
1
170
1
0.1
275
208
Notes:
1. VBR measure after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure. 3 and derate per Figure. 2.
3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled.
4. All terms and symbols are consistent with ANSI/IEEE C62.35.
Version:G13
General
Part
Number
VBR
V
Breakdown
Voltage
(Note 1)
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Stand-Off
Voltage
Test
Current
Maximum
Temperature
Coefficient
Maximum
Clamping
Voltage
@ IPPM
Maximum
Peak
Surge
Current
Maximum
Reverse
Leakage
@ VWM


Similar Part No. - SA110

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA110 PANJIT-SA110 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Yangzhou yangjie electr...
SA110 YANGJIE-SA110 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
First Components Intern...
SA110 FCI-SA110 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA110 TSC-SA110 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA110 WTE-SA110 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA110

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SA TSC-SA_10 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
SA TSC-SA_1 Datasheet
645Kb / 5P
   500 Watts Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
SA5.0_SERIES PANJIT-SA5.0_SERIES_14 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
logo
SUNMATE electronic Co.,...
SAC5.0 SUNMATE-SAC5.0 Datasheet
157Kb / 2P
   500 Watts Axial Leaded Low Capacitance Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_13 Datasheet
255Kb / 6P
   600 Watts Transient Voltage Suppressor
logo
Solid States Devices, I...
ST500A7.5 SSDI-ST500A7.5_1 Datasheet
147Kb / 2P
   500 W Transient Voltage Suppressor
logo
Micro Commercial Compon...
SM03 MCC-SM03 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
TGL41-6.8 MICROSEMI-TGL41-6.8 Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com