Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1700200200 Datasheet(PDF) 1 Page - AAEON Technology

Part # 1700200200
Description  Wiring Kit for PCM-8150
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1700200200 Datasheet(HTML) 1 Page - AAEON Technology

  1700200200 Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wiring Kit for PCM-8150
TF-PER-0103
P/N
Cable Function
Cable Description
Qty
1701400453
IDE Cable 3.5” UDMA-100
40-pin, 2.54mm, Female (45cm)
1
1701340600
Floppy Disk Drive Cable
34-pin, 2.00mm, female (60cm)
1
1701400180
Serial Port Cable
40-pin, 2.54mm Pitch, Female, Housing (18cm)
1
1701260308
Parallel Port Cable
26-pin, 2.00mm, Female (30cm)
1
1701160152
CRT Cable
16-pin, 2.54mm, Female (15cm)
1
1700080180
TV-out Cable
RCA + S Terminal Connector
1
1709100201
USB Cable
10-pin, 2.00mm, Female
2
1700140510
Audio Cable
14-pin, 2.00mm, Female, Line-in/out, MIC-in
1
1700140164
6 channel Audio Cable
14-pin, 2.00mm, Female, RCA Jack
1
1700080204
Keyboard & Mouse Cable
8-pin, 2.54mm, Female (20cm)
1
1700200200
DVI Cable
20-pin, 2.00mm, Female (20cm)
1
Wiring Kit for PCM-5895 Rev.A
P/N
Cable Function
Cable Description
Qty
1701400453
IDE Cable 3.5” UDMA-100
40-pin, 2.54mm, Female (45cm)
1
1701340700
Floppy Disk Drive Cable
34-pin, P2.54mm, 5.25” & 3.5” FDD
1
1701400180
Serial Port Cable
40-pin 2.54mm Pitch, Female, Housing (18cm)
1
1701260301
Parallel Port Cable
Female, 26-pin 2.54m Pitch, Housing (30cm)
1
1701150150
CRT Cable
15-pin, 2.54mm, Female (20cm)
1
1709100201
USB Cable
10-pin 2.00mm, Female (20cm)
2
1700140163
Audio Cable
Speaker, Line-in/out, MIC-in
1
1700080204
Keyboard & Mouse Cable
8-pin 2.54mm, Housing Female (20cm)
1
1700100200
LAN Cable
10-pin, 2.0mm, Female, RJ-45 10/100Base-TX
(20cm)
1
Wiring Kit for PCM-8120
P/N
Cable Function
Cable Description
Qty
1701400453
IDE Cable 3.5” UDMA-100
40-pin, 2.54mm, Female (45cm)
1
1701340601
Floppy Disk Drive Cable
34-pin, 2.54mm, 3.5” FDD
1
1701400180
Serial Port Cable
40-pin 2.54mm Pitch, Female, Housing (18cm)
1
1701260301
Parallel Port Cable
Female, 26-pin 2.54m Pitch, Housing (30cm)
1
1701160152
CRT Cable
16-pin, 2.54mm, Female (20cm)
1
1700080180
TV-out Cable
8-pin, 2.00mm, Female (18cm)
1
1709100201
USB Cable
10-pin, 2.00mm, Female (20cm)
3
1700140510
Audio Cable – 2CH
Speaker, Line-in/out, MIC-in
1
1700140164
Audio Cable – 5.1CH & S/PDIF
14-pin, 2.00mm, Housing, Female (16cm)
1
1700080204
Keyboard & Mouse Cable
8-pin 2.54mm, Housing Female (20cm)
1
1709070500
SATA Cable
9-pin, 1.27mm, 50cm
2
TF-PER-A030
TF-PER-A031
01-13
01
Accessories


Similar Part No. - 1700200200

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
1700200200 AAEON-1700200200 Datasheet
567Kb / 1P
   Wiring Kits for PCM-8200
1700200200 AAEON-1700200200 Datasheet
241Kb / 1P
   Wiring Kit for PCM-9150
More results

Similar Description - 1700200200

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PCM-10689-1 AAEON-PCM-10689-1 Datasheet
205Kb / 1P
   Wiring kit for PCM-6896
TF-PER-A008 AAEON-TF-PER-A008 Datasheet
241Kb / 1P
   Wiring Kit for PCM-9150
TF-PER-0101 AAEON-TF-PER-0101 Datasheet
241Kb / 1P
   Wiring Kit for PCM-8500
PCM-10489-7 AAEON-PCM-10489-7 Datasheet
73Kb / 1P
   Wiring kit for PCM-6894
TF-PER-A031 AAEON-TF-PER-A031 Datasheet
114Kb / 1P
   Wiring Kit for PCM-8120
TF-PER-K001 AAEON-TF-PER-K001 Datasheet
104Kb / 1P
   Wiring Kit for PCM-9452
logo
Advantech Co., Ltd.
PCM-10586-5A ADVANTECH-PCM-10586-5A Datasheet
235Kb / 1P
   Installation Wiring Kit for PCM-9575/ PCM-9577F
PCM-10586-62 ADVANTECH-PCM-10586-62 Datasheet
335Kb / 1P
   Installation Wiring Kit for PCM-9582/PCM-9587
PCM-10586-5 ADVANTECH-PCM-10586-5 Datasheet
139Kb / 1P
   Installation Wiring Kit for PCM-9550F/PCM-9550L
PCM-10586-62E ADVANTECH-PCM-10586-62E_11 Datasheet
407Kb / 1P
   Installation Wiring Kit for PCM-9582/PCM-9587
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com