Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA75 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # P4SMA75
Description  400 Watts Suface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4SMA75 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  P4SMA75 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4SMA75 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4SMA75 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4SMA75 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd P4SMA75 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd P4SMA75 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMA
R3
SMA
R2
SMA
M2
Folded SMA
F3
Folded SMA
F2
Folded SMA
F4
C SMA
E3
C SMA
E2
Tape & Reel specification
AB
C
D
N
G
T
±2.0
±0.4
+0.5;-0.2
min
±1.0
+0.8;-0
max
7"
12mm
178
1.9
13
21
62
12.2
14.6
AB
C
D
N
G
T
max
±0.5
±0.5
min
±0.5
+2.0;-0
max
13"
12mm
330
2
13
20.2
75
12.4
18.4
Unit (mm)
Ordering information
Part No.
Package
Packing
Packing
code
Packing code
(Green)
R3G
7.5K / 13" REEL
R2G
1.8K / 7" REEL
F3G
7.5K / 13" REEL
F2G
Reel Size Tape Size
E3G
Note: "x" is Device Code from "6.8" thru "200".
Reel Size Tape Size
P4SMAxx
(Note)
1.8K / 7" REEL
7.5K / 13" REEL
E2G
7.5K / 13" Plastic REEL
M2G
7.5K / 13" Plastic REEL
F4G
1.8K / 7" REEL


Similar Part No. - P4SMA75

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA75 WTE-P4SMA75 Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P4SMA75 TSC-P4SMA75 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
P4SMA75 TSC-P4SMA75 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P4SMA75 PANJIT-P4SMA75 Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Fuji Electric
P4SMA75 FUJI-P4SMA75 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - P4SMA75

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_1 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com