Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE33A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # P6KE33A
Description  600 Watts Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6KE33A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  P6KE33A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6KE33A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6KE33A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6KE33A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd P6KE33A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd P6KE33A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Surge Clamping Voltage Temperature
@ VWM
Current
@ IPPM
Coefficient
IT
VWM
ID
IPPM
Vc
of VBR
(V)
(mA)
(V)
(uA)
(A)
(V)
(%/℃)
Min
Max
(Note 2)
P6KE68
68
61.2
74.8
1
55.1
1
6.4
98.0
0.104
P6KE68A
68
64.6
71.4
1
58.1
1
6.8
92.0
0.104
P6KE75
75
67.5
82.5
1
60.7
1
5.8
108
0.105
P6KE75A
75
71.3
78.8
1
64.1
1
6.1
103
0.105
P6KE82
82
73.8
90.2
1
66.4
1
5.3
118
0.105
P6KE82A
82
77.9
86.1
1
70.1
1
5.5
113
0.105
P6KE91
91
81.9
100
1
73.7
1
4.8
131
0.106
P6KE91A
91
86.5
95.5
1
77.8
1
5.0
125
0.106
P6KE100
100
90
110
1
81.0
1
4.3
144
0.106
P6KE100A
100
95
105
1
85.5
1
4.5
137
0.106
P6KE110
110
99
121
1
89.2
1
3.9
158
0.107
P6KE110A
110
105
116
1
94.0
1
4.1
152
0.107
P6KE120
120
108
132
1
97.2
1
3.6
173
0.107
P6KE120A
120
114
126
1
102
1
3.8
165
0.107
P6KE130
130
117
143
1
105
1
3.3
187
0.107
P6KE130A
130
124
137
1
111
1
3.5
179
0.107
P6KE150
150
135
165
1
121
1
2.9
215
0.108
P6KE150A
150
143
158
1
128
1
3.0
207
0.108
P6KE160
160
144
176
1
130
1
2.7
230
0.108
P6KE160A
160
152
168
1
136
1
2.8
219
0.108
P6KE170
170
153
187
1
138
1
2.5
244
0.108
P6KE170A
170
162
179
1
145
1
2.6
234
0.108
P6KE180
180
162
198
1
146
1
2.4
258
0.108
P6KE180A
180
171
189
1
154
1
2.5
246
0.108
P6KE200
200
180
220
1
162
1
2.1
287
0.108
P6KE200A
200
190
210
1
171
1
2.2
274
0.108
P6KE220
220
198
242
1
175
1
1.8
344
0.108
P6KE220A
220
209
231
1
185
1
1.9
328
0.108
P6KE250
250
225
275
1
202
1
1.7
360
0.110
P6KE250A
250
237
263
1
214
1
1.8
344
0.110
P6KE300
300
270
330
1
243
1
1.4
430
0.110
P6KE300A
300
285
315
1
256
1
1.5
414
0.110
P6KE350
350
315
385
1
284
1
1.2
504
0.110
P6KE350A
350
332
368
1
300
1
1.3
482
0.110
P6KE400
400
360
440
1
324
1
1.0
574
0.110
P6KE400A
400
380
420
1
342
1
1.1
548
0.110
P6KE440
440
396
484
1
356
1
1.0
631
0.110
P6KE440A
440
418
462
1
376
1
1.04
602
0.110
Notes:
1. VBR measure after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure. 3 and derate per Figure. 2.
3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled.
4. All terms and symbols are consistent with ANSI/IEEE C62.35.
Version:H13
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
General
Part
Number
Nominal
Voltage
Breakdown Voltage
(Note 1)
VBR
(V)


Similar Part No. - P6KE33A

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
P6KE33A HY-P6KE33A Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
DAESAN ELECTRONIC CORP.
P6KE33A DAESAN-P6KE33A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
SUNMATE electronic Co.,...
P6KE33A SUNMATE-P6KE33A Datasheet
71Kb / 4P
   600W Axial Lead Transient Voltage Suppessors
logo
Motorola, Inc
P6KE33A MOTOROLA-P6KE33A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE33A VISHAY-P6KE33A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
More results

Similar Description - P6KE33A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_11 Datasheet
185Kb / 4P
   600 Watts Transient Voltage Suppressor
BZW06 TSC-BZW06_13 Datasheet
277Kb / 6P
   600 Watts Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
P6KE480A LUGUANG-P6KE480A Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_06 Datasheet
329Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06 NJSEMI-BZW06 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE LUGUANG-P6KE Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8A YFWDIODE-P6KE6.8A Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Shenzhen Luguang Electr...
P6KE480 LUGUANG-P6KE480 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com