Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFAF1001G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SFAF1001G
Description  10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFAF1001G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SFAF1001G_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFAF1001G_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFAF1001G_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Version:E13
RATINGS AND CHARACTERISTIC CURVES (SFAF1001G THRU SFAF1008G)
0
2
4
6
8
10
12
050
100
150
CASE TEMPERATURE (oC)
FIG.1- MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEAT SINK
0
50
100
150
200
250
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
TA=25℃
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
TA=25℃
TA=100℃
TA=75℃
0
50
100
150
200
250
300
1
10
100
1000
REVERSE VOLTAGE. (V)
FIG. 4- TYPICAL JUNCTION CAPACITANCE
TA=25oC
SFAF1001G~SFAF1004G
SFAF1005G~SFAF1008G
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE. (V)
FIG. 5- TYPICAL FORWARD CHARACTERISTICS
TA=25oC
Pulse Width=300us
1% Duty Cycle
SFAF1005G-SFAF1006G
SFAF1001G-SFAF1004G
SFAF1007G-SFAF1008G


Similar Part No. - SFAF1001G_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAF1001G TSC-SFAF1001G_1 Datasheet
273Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G_10 Datasheet
633Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G_14 Datasheet
423Kb / 3P
   10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
More results

Similar Description - SFAF1001G_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAF1001G TSC-SFAF1001G_14 Datasheet
423Kb / 3P
   10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_13 Datasheet
399Kb / 3P
   10.0AMPS. Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_11 Datasheet
195Kb / 2P
   10.0AMPS. Glass Passivated Super Fast Rectifiers
SFF1001GA TSC-SFF1001GA Datasheet
420Kb / 3P
   10.0AMPS Isolated Glass Passivated Super Fast Rectifier
SFF1001G TSC-SFF1001G_11 Datasheet
186Kb / 2P
   10.0AMPS Isolated Glass Passivated Super Fast Rectifier
SFF1001G TSC-SFF1001G_13 Datasheet
427Kb / 3P
   10.0AMPS Isolated Glass Passivated Super Fast Rectifier
UGF1004G TSC-UGF1004G Datasheet
238Kb / 3P
   10.0AMPS. Isolated Glass Passivated Ultra Fast Rectifiers
SFA1001G TSC-SFA1001G_13 Datasheet
419Kb / 3P
   10.0AMPS Glass Passivated Super Fast Rectifier
SFA1001G TSC-SFA1001G_11 Datasheet
209Kb / 2P
   10.0AMPS Glass Passivated Super Fast Rectifier
SFAF501G TSC-SFAF501G_14 Datasheet
390Kb / 4P
   Isolated Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com