Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD44H11T4-A Datasheet(PDF) 3 Page - STMicroelectronics

Part # MJD44H11T4-A
Description  Complementary power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJD44H11T4-A Datasheet(HTML) 3 Page - STMicroelectronics

  MJD44H11T4-A Datasheet HTML 1Page - STMicroelectronics MJD44H11T4-A Datasheet HTML 2Page - STMicroelectronics MJD44H11T4-A Datasheet HTML 3Page - STMicroelectronics MJD44H11T4-A Datasheet HTML 4Page - STMicroelectronics MJD44H11T4-A Datasheet HTML 5Page - STMicroelectronics MJD44H11T4-A Datasheet HTML 6Page - STMicroelectronics MJD44H11T4-A Datasheet HTML 7Page - STMicroelectronics MJD44H11T4-A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJD44H11T4-A, MJD45H11T4-A
Electrical characteristics
Doc ID 16095 Rev 1
3/8
2
Electrical characteristics
Tcase = 25 °C; unless otherwise specified.
Note:
For PNP types voltage and current values are negative.
2.1
Typical characteristic (curves)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCEO(sus)
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2 %.
Collector-emitter
sustaining voltage (IB = 0)
IC = 30 mA
80
-
V
ICES
Collector cut-off current
(VBE = 0)
VCE = 80 V
-
10
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
-
50
µA
VCE(sat)
(1)
Collector-emitter saturation
voltage
IC = 8 A
IB = 0.4 A
-
1
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 8 A
IB = 0.8 A
-
1.5
V
hFE
(1)
DC current gain
IC = 2 A_
VCE = 1 V
60
-
IC = 4 A_ _
VCE = 1 V
40
-
Figure 2.
Safe operating area
Figure 3.
Derating curves


Similar Part No. - MJD44H11T4-A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD44H11T4 MOTOROLA-MJD44H11T4 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
logo
ON Semiconductor
MJD44H11T4 ONSEMI-MJD44H11T4 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
MJD44H11T4 ONSEMI-MJD44H11T4 Datasheet
76Kb / 7P
   Complementary Power Transistors
January, 2006 ??Rev. 7
logo
STMicroelectronics
MJD44H11T4 STMICROELECTRONICS-MJD44H11T4 Datasheet
217Kb / 8P
   Complementary power transistors
logo
ON Semiconductor
MJD44H11T4G ONSEMI-MJD44H11T4G Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
More results

Similar Description - MJD44H11T4-A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com