Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR305S Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MUR305S
Description  3.0 AMPS. Surface Mount Ultrafast Power Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MUR305S Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MUR305S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MUR305S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MUR305S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MUR305S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMC
R7
SMC
R6
SMC
M6
Tape & Reel specification
AB
C
D
N
G
T
±2.0
±0.4
+0.5;-0.2
min
±1.0
+0.8;-0
max
7"
16mm
178
1.9
13
21
62
16.2
18.6
AB
C
D
N
G
T
max
±0.5
±0.5
min
±0.5
+2.0;-0
max
13"
16mm
330
2
13
20.2
75
16.4
22.4
Unit (mm)
Symbol
A
B
C
D
E
Ordering information
Part No.
Package
Packing
Packing
code
Green Compound
Packing code
MUR3xxS
(Note)
850 / 7" REEL
R7G
3K / 13" REEL
M6G
Note: "x" is Device Code from "05" thru "60".
Reel Size Tape Size
Reel Size Tape Size
Suggested PAD Layout
Unit(mm)
3.3
2.5
6.8
4.4
9.3
3K / 13" REEL
R6G


Similar Part No. - MUR305S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MUR305S TSC-MUR305S Datasheet
578Kb / 2P
   3.0 APMS. Surface mount Ultrafast Power Rectifiers
MUR305S TSC-MUR305S Datasheet
203Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
MUR305SH TSC-MUR305SH Datasheet
456Kb / 6P
   3A, 50V - 600V Ultra Fast Surface Mount Rectifier
MUR305S TSC-MUR305S_14 Datasheet
203Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
More results

Similar Description - MUR305S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
S3AB LUGUANG-S3AB Datasheet
189Kb / 2P
   3.0 AMPS. Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S3AB TSC-S3AB_1 Datasheet
143Kb / 2P
   3.0 AMPS. Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
S3A YANGJIE-S3A Datasheet
703Kb / 2P
   3.0 AMPS. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S3A TSC-S3A_08 Datasheet
2Mb / 2P
   3.0 AMPS. Surface Mount Rectifiers
S3AB TSC-S3AB_10 Datasheet
471Kb / 2P
   3.0 AMPS. Surface Mount Rectifiers
S3A TSC-S3A_1 Datasheet
278Kb / 2P
   3.0 AMPS. Surface Mount Rectifiers
S3AB TSC-S3AB Datasheet
54Kb / 2P
   3.0 AMPS. Surface Mount Rectifiers
S3A TSC-S3A Datasheet
54Kb / 2P
   3.0 AMPS. Surface Mount Rectifiers
MUR305S TSC-MUR305S Datasheet
578Kb / 2P
   3.0 APMS. Surface mount Ultrafast Power Rectifiers
US1A TSC-US1A Datasheet
54Kb / 2P
   1.0 Amps. Surface Mount Ultrafast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com