Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRS25H45CT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS25H45CT
Description  25.0AMPS Surface Mount Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS25H45CT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRS25H45CT_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS25H45CT_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRS25H45CT_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRS25H45CT_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Version:D12
RATINGS AND CHARACTERISTIC CURVES (MBRS25H45CT)
0
5
10
15
20
25
30
0
255075
100
125
150
175
Case Temperature (℃)
Fig.1 Maximum Forward Current Derating Curve
RESISTIVE OR
INDUCTIVE LOAD
0
25
50
75
100
125
150
110
100
Number of Cycles at 60 Hz
Fig. 2 Maximum Non-Repetitive
Forward Surge Current Per Leg
8.3ms Single Half Sine Wave
JEDEC Method
0.0001
0.001
0.01
0.1
1
10
100
0
20406080
100
120
140
Percent Of VR (%)
Fig. 4 Typical Reverse Characteristics Per Leg
TA=25℃
TA=125℃
1
10
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
Forward Voltage (V)
Fig. 3 Typical Forward Characteristics Per Leg
TA=125℃
TA=25℃
0.1
1
10
100
0.01
0.1
1
10
100
t-Pulse Duration(s)
Fig. 5 Typical Transient Thermal Impedance Per
Leg


Similar Part No. - MBRS25H45CT_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS25H45CT TSC-MBRS25H45CT_11 Datasheet
132Kb / 2P
   25.0AMPS Surface Mount Schottky Barrier Rectifier
MBRS25H45CT TSC-MBRS25H45CT_14 Datasheet
143Kb / 4P
   Dual Common Cathode Schottky Rectifier
More results

Similar Description - MBRS25H45CT_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS25H45CT TSC-MBRS25H45CT_11 Datasheet
132Kb / 2P
   25.0AMPS Surface Mount Schottky Barrier Rectifier
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com