Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SS355VMTE-17 Datasheet(PDF) 1 Page - Rohm

Part # 1SS355VMTE-17
Description  Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

1SS355VMTE-17 Datasheet(HTML) 1 Page - Rohm

  1SS355VMTE-17 Datasheet HTML 1Page - Rohm 1SS355VMTE-17 Datasheet HTML 2Page - Rohm 1SS355VMTE-17 Datasheet HTML 3Page - Rohm 1SS355VMTE-17 Datasheet HTML 4Page - Rohm 1SS355VMTE-17 Datasheet HTML 5Page - Rohm 1SS355VMTE-17 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Switching Diode
1SS355VM
lApplications
lDimensions
(Unit : mm)
lLand size figure
(Unit : mm)
High frequency switching
lFeatures
1)Ultra small mold type.(UMD2)
2)High reliability
lConstruction
Silicon epitaxial planer
lStructure
lAbsolute maximum ratings
(Ta=25C)
Symbol
Unit
VRM
V
VR
V
IFM
mA
Io
mA
Isurge
mA
Tj
C
Tstg
C
lElectrical characteristics
(Tj=25C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
-
-
1.2
V
IF=100mA
Reverse current
IR
-
-
0.1
μA
VR=80V
Ct
-
-
3
pF
VR=0.5V , f=1MHz
trr
-
-
4
ns
VR=6V , IF=10mA , RL=100Ω
Reverse voltage (DC)
80
lTaping dimensions
(Unit : mm)
Parameter
Limits
Reverse voltage (repetitive peak)
90
Forward current
225
average rectified forward current
100
Surge current (t=1s)
500
Parameter
Capacitance between terminals
Reverse recovery time
Junction temperature
150
Storage temperature
-
55 to +150
UMD2
0.9MIN.
4.0±0.1
2.0±0.05
φ 1.55±0.05
1.40±0.1
4.0±0.1
φ 1.05
0.3±0.1
1.0±0.1
ROHM : UMD2
JEITA : SC-90/A
JEDEC : SOD-323
dot (year week factory)
0.3±0.05
0.7±0.2
    0.1
0.1±0.1
    0.05
1.25±0.1
1/4
2011.12 - Rev.A


Similar Part No. - 1SS355VMTE-17

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS355VM ROHM-1SS355VM Datasheet
1Mb / 5P
   Switching Diode
1SS355VM ROHM-1SS355VM Datasheet
1Mb / 8P
   Switching Diode
1SS355VMFH ROHM-1SS355VMFH Datasheet
656Kb / 7P
   Switching Diode
1SS355VMFH ROHM-1SS355VMFH Datasheet
1Mb / 8P
   Switching Diode
1SS355VMFH ROHM-1SS355VMFH_16 Datasheet
1Mb / 8P
   Switching Diode
More results

Similar Description - 1SS355VMTE-17

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com