Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA28F800B5B70 Datasheet(PDF) 6 Page - Intel Corporation

Part # PA28F800B5B70
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PA28F800B5B70 Datasheet(HTML) 6 Page - Intel Corporation

Back Button PA28F800B5B70 Datasheet HTML 2Page - Intel Corporation PA28F800B5B70 Datasheet HTML 3Page - Intel Corporation PA28F800B5B70 Datasheet HTML 4Page - Intel Corporation PA28F800B5B70 Datasheet HTML 5Page - Intel Corporation PA28F800B5B70 Datasheet HTML 6Page - Intel Corporation PA28F800B5B70 Datasheet HTML 7Page - Intel Corporation PA28F800B5B70 Datasheet HTML 8Page - Intel Corporation PA28F800B5B70 Datasheet HTML 9Page - Intel Corporation PA28F800B5B70 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
28F200B5, 28F004/400B5, 28F800B5
E
6
PRELIMINARY
SmartVoltage
technology
enables
fast
factory
programming and low-power designs. Specifically
designed for 5 V systems, 5 Volt Boot Block Flash
components support read operations at 5 V VCC
and internally configure to program/erase at 5 V or
12 V. The 12 V VPP option renders the fastest
program and erase performance which will increase
your factory throughput. With the 5 V VPP option,
VCC and VPP can be tied together for a simple 5 V
design. In addition, the dedicated VPP pin gives
complete data protection when VPP
≤ VPPLK.
The memory array is asymmetrically divided into
blocks
in
an
asymmetrical
architecture
to
accommodate microprocessors that boot from the
top (denoted by -T suffix) or the bottom (-B suffix)
of
the
memory
map.
The
blocks
include
a
hardware-lockable boot block (16,384 bytes), two
parameter blocks (8,192 bytes each) and main
blocks (one block of 98,304 bytes and additional
block(s) of 131,072 bytes). See Figures 4–7 for
memory maps. Each block can be independently
erased
and
programmed
100,000
times
at
commercial
temperature
or
10,000
times
at
extended temperature. At automotive temperature,
each parameter block can be independently erased
and programmed 30,000 times, and each main and
boot block 1,000 times. Unlike erase operations,
which
erase
all
locations
within
a
block
simultaneously, each byte or word in the flash
memory can be programmed independently of other
memory locations.
The
hardware-lockable
boot
block
provides
complete code security for the kernel code required
for system initialization. Locking and unlocking of
the boot block is controlled by WP# and/or RP#
(see Section 3.3 for details).
The system processor interfaces to the flash device
through a Command User Interface (CUI), using
valid
command
sequences
to
initiate
device
automation. An internal Write State Machine (WSM)
automatically executes the algorithms and timings
necessary for program and erase operations. The
Status Register (SR) indicates the status of the
WSM and whether it successfully completed the
desired program or erase operation.
The Automatic
Power
Savings
(APS)
feature
substantially reduces active current when the
device is in static mode (addresses not switching).
In APS mode, the typical ICCR current is 1 mA.
When CE# and RP# pins
are at
VCC, the
component enters a CMOS standby mode. Driving
RP# to GND enables a deep power-down mode
which significantly reduces power consumption,
provides write protection, resets the device, and
clears the status register. A reset time (tPHQV) is
required from RP# switching high until outputs are
valid. Likewise, the device has a wake time (tPHEL)
from
RP#-high
until
writes
to
the
CUI
are
recognized. See Section 4.2.
The deep power-down mode can also be used as a
device reset, allowing the flash to be reset along
with the rest of the system. For example, when the
flash memory powers-up, it automatically defaults
to the read array mode, but during a warm system
reset, where power continues uninterrupted to the
system components, the flash memory
could
remain in a non-read mode, such as erase.
Consequently, the system Reset signal should be
tied to RP# to reset the memory to normal read
mode upon activation of the Reset signal. This also
provides protection against unwanted command
writes due to invalid system bus conditions during
system reset or power-up/down sequences.
These devices are configurable at power-up for
either byte-wide or word-wide input/output using the
BYTE# pin. Please see Table 2 for a detailed
description of BYTE# operations, especially the
usage of the DQ15/A–1 pin.
These 5 Volt Boot Block Flash memory products
are available in the 44-lead PSOP (Plastic Small
Outline
Package),
which
is
ROM/EPROM-
compatible, and the 48-lead TSOP (Thin Small
Outline Package, 1.2 mm thick) as shown in
Figure 1, and 2, respectively.
2.0
PRODUCT DESCRIPTION
This
section describes
the pinout
and
block
architecture of the device family.
2.1
Pin Descriptions
The pin descriptions table details the usage of each
of the device pins.


Similar Part No. - PA28F800B5B70

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PA28F800B5B70 INTEL-PA28F800B5B70 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
More results

Similar Description - PA28F800B5B70

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com