Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA28F400B5B60 Datasheet(PDF) 7 Page - Intel Corporation

Part # PA28F400B5B60
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PA28F400B5B60 Datasheet(HTML) 7 Page - Intel Corporation

Back Button PA28F400B5B60 Datasheet HTML 3Page - Intel Corporation PA28F400B5B60 Datasheet HTML 4Page - Intel Corporation PA28F400B5B60 Datasheet HTML 5Page - Intel Corporation PA28F400B5B60 Datasheet HTML 6Page - Intel Corporation PA28F400B5B60 Datasheet HTML 7Page - Intel Corporation PA28F400B5B60 Datasheet HTML 8Page - Intel Corporation PA28F400B5B60 Datasheet HTML 9Page - Intel Corporation PA28F400B5B60 Datasheet HTML 10Page - Intel Corporation PA28F400B5B60 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
E
28F200B5, 28F004/400B5, 28F800B5
7
PRELIMINARY
Table 2. Pin Descriptions
Symbol
Type
Name and Function
A0–A18
INPUT
ADDRESS INPUTS for memory addresses. Addresses are internally latched
during a write cycle.
28F200: A[0–16], 28F400: A[0–17], 28F800: A[0–18], 28F004: A[0–18]
A9
INPUT
ADDRESS INPUT: When A9 is at VHH the signature mode is accessed. During
this mode, A0 decodes between the manufacturer and device IDs. When BYTE#
is at a logic low, only the lower byte of the signatures are read. DQ15/A–1 is a
don’t care in the signature mode when BYTE# is low.
DQ0–DQ7
INPUT/
OUTPUT
DATA INPUTS/OUTPUTS: Inputs array data on the second CE# and WE# cycle
during a Program command. Inputs commands to the Command User Interface
when CE# and WE# are active. Data is internally latched during the write cycle.
Outputs array, intelligent identifier and status register data. The data pins float to
tri-state when the chip is de-selected or the outputs are disabled.
DQ8–DQ15
INPUT/
OUTPUT
DATA INPUTS/OUTPUTS: Inputs array data on the second CE# and WE# cycle
during a Program command. Data is internally latched during the write cycle.
Outputs array data. The data pins float to tri-state when the chip is de-selected or
the outputs are disabled as in the byte-wide mode (BYTE# = “0”). In the byte-wide
mode DQ15/A–1 becomes the lowest order address for data output on DQ0–DQ7.
Not applicable to 28F004B5.
CE#
INPUT
CHIP ENABLE: Activates the device’s control logic, input buffers, decoders and
sense amplifiers. CE# is active low. CE# high de-selects the memory device and
reduces power consumption to standby levels. If CE# and RP# are high, but not
at a CMOS high level, the standby current will increase due to current flow
through the CE# and RP# input stages.
OE#
INPUT
OUTPUT ENABLE: Enables the device’s outputs through the data buffers during
a read cycle. OE# is active low.
WE#
INPUT
WRITE ENABLE: Controls writes to the command register and array blocks. WE#
is active low. Addresses and data are latched on the rising edge of the WE#
pulse.
RP#
INPUT
RESET/DEEP POWER-DOWN: Uses three voltage levels (VIL, VIH, and VHH) to
control two different functions: reset/deep power-down mode and boot block
unlocking. It is backwards-compatible with the BX/BL/BV products.
When RP# is at logic low, the device is in reset/deep power-down mode,
which puts the outputs at High-Z, resets the Write State Machine, and draws
minimum current.
When RP# is at logic high, the device is in standard operation. When RP#
transitions from logic-low to logic-high, the device defaults to the read array mode.
When RP# is at VHH, the boot block is unlocked and can be programmed or
erased. This overrides any control from the WP# input.


Similar Part No. - PA28F400B5B60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PA28F400B5B60 INTEL-PA28F400B5B60 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
More results

Similar Description - PA28F400B5B60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com