Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTH16245 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LVTH16245
Description  Low Voltage 16-Bit Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH16245 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVTH16245 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH16245 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH16245 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH16245 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH16245 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH16245 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH16245 Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH16245 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500152
www.fairchildsemi.com
January 1999
Revised June 2005
74LVT16245 • 74LVTH16245
Low Voltage 16-Bit Transceiver with 3-STATE Outputs
General Description
The LVT16245 and LVTH16245 contain sixteen non-invert-
ing bidirectional buffers with 3-STATE outputs and is
intended for bus oriented applications. The device is byte
controlled. Each byte has separate control inputs which
can be shorted together for full 16-bit operation. The T/R
inputs determine the direction of data flow through the
device. The OE inputs disable both the A and B ports by
placing them in a high impedance state.
The LVTH16245 data inputs include bushold, eliminating
the need for external pull-up resistors to hold unused
inputs.
These non-inverting transceivers are designed for low-volt-
age (3.3V) VCC applications, but with the capability to pro-
vide a TTL interface to a 5V environment. The LVT16245
and LVTH16245 are fabricated with an advanced BiCMOS
technology to achieve high speed operation similar to 5V
ABT while maintaining low power dissipation.
Features
s Input and output interface capability to systems at
5V VCC
s Bushold data inputs eliminate the need for external
pull-up resistors to hold unused inputs (74LVTH16245),
also available without bushold feature (74LVT16245).
s Live insertion/extraction permitted
s Power Up/Down high impedance provides glitch-free
bus loading
s Outputs source/sink
32 mA/64 mA
s Functionally compatible with the 74 series 16245
s Latch-up performance exceeds 500 mA
s ESD performance:
Human-body model
!2000V
Machine model
!200V
Charged-device
!1000V
s Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA) (Preliminary)
Ordering Code:
Note 1: BGA package available in Tape and Reel only.
Note 2: Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Order Number
Package
Number
Package Description
74LVT16245GX
(Note 1)
BGA54A
(Preliminary)
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[Tape and Reel]
74LVT16245MEA
(Note 2)
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
74LVT16245MTD
(Note 2)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
74LVTH16245GX
(Note 1)
BGA54A
(Preliminary)
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[Tape and Reel]
74LVTH16245MEA
(Note 2)
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
74LVTH16245MTD
(Note 2)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Similar Part No. - 74LVTH16245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVTH16245ADGGRE4 TI-74LVTH16245ADGGRE4 Datasheet
496Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16245ADGGRE4 TI-74LVTH16245ADGGRE4 Datasheet
487Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16245ADGGRE4 TI-74LVTH16245ADGGRE4 Datasheet
653Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16245ADGGRE4 TI-74LVTH16245ADGGRE4 Datasheet
660Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16245ADGGRE4 TI1-74LVTH16245ADGGRE4 Datasheet
1Mb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVTH16245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH16646 FAIRCHILD-74LVTH16646 Datasheet
89Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
74LVTH16652 FAIRCHILD-74LVTH16652 Datasheet
87Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
74LVT16646 FAIRCHILD-74LVT16646 Datasheet
91Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
74LVTH16543 FAIRCHILD-74LVTH16543 Datasheet
74Kb / 8P
   Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
74LVTH16952 FAIRCHILD-74LVTH16952 Datasheet
75Kb / 8P
   Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVTH16646 ONSEMI-74LVTH16646 Datasheet
197Kb / 11P
   Low Voltage 16-Bit Transceiver/Register 3-STATE Outputs
Revised October 2001
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245_05 Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com