Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E28F128J3A-150 Datasheet(PDF) 11 Page - Intel Corporation

Part # E28F128J3A-150
Description  Intel StrataFlash짰 Memory
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F128J3A-150 Datasheet(HTML) 11 Page - Intel Corporation

Back Button E28F128J3A-150 Datasheet HTML 7Page - Intel Corporation E28F128J3A-150 Datasheet HTML 8Page - Intel Corporation E28F128J3A-150 Datasheet HTML 9Page - Intel Corporation E28F128J3A-150 Datasheet HTML 10Page - Intel Corporation E28F128J3A-150 Datasheet HTML 11Page - Intel Corporation E28F128J3A-150 Datasheet HTML 12Page - Intel Corporation E28F128J3A-150 Datasheet HTML 13Page - Intel Corporation E28F128J3A-150 Datasheet HTML 14Page - Intel Corporation E28F128J3A-150 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
Datasheet
11
3.0
Package Information
3.1
56-Lead TSOP Package
Figure 3. 56-Lead TSOP Package Drawing and Specifications
Table 1.
56-Lead TSOP Dimension Table
Millimeters
Inches
Sym
Min
Nom
Max
Notes
Min
Nom
Max
Notes
Package Height
A
1.200
0.047
Standoff
A1
0.050
0.002
Package Body Thickness
A2
0.965
0.995
1.025
0.038
0.039
0.040
Lead Width
b
0.100
0.150
0.200
0.004
0.006
0.008
Lead Thickness
c
0.100
0.150
0.200
0.004
0.006
0.008
Package Body Length
D1
18.200
18.400
18.600
4
0.717
0.724
0.732
4
Package Body Width
E
13.800
14.000
14.200
4
0.543
0.551
0.559
4
Lead Pitch
e
0.500
0.0197
Terminal Dimension
D
19.800
20.00
20.200
0.780
0.787
0.795
Lead Tip Length
L
0.500
0.600
0.700
0.020
0.024
0.028
Lead Count
N
56
56
Lead Tip Angle
Seating Plane Coplanarity
Y
0.100
0.004
Lead to Package Offset
Z
0.150
0.250
0.350
0.006
0.010
0.014
A
0
L
Detail A
Y
D
C
Z
Pin 1
E
D1
b
Detail B
See Detail A
e
See Detail B
A1
Seating
Plane
A2
See Note 2
See Notes 1 and 3


Similar Part No. - E28F128J3A-150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E28F128J3A-150 INTEL-E28F128J3A-150 Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
E28F128J3A-150 INTEL-E28F128J3A-150 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
More results

Similar Description - E28F128J3A-150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F320J5 INTEL-28F320J5_02 Datasheet
617Kb / 51P
   5 Volt Intel StrataFlash짰 Memory
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
PF38F5070M0Y0B0 NUMONYX-PF38F5070M0Y0B0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
logo
Intel Corporation
28F640L30 INTEL-28F640L30 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
logo
Intel Corporation
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
QG5000XSL9TH INTEL-QG5000XSL9TH Datasheet
3Mb / 458P
   Intel 5000X Chipset Memory Controller Hub (MCH)
865G INTEL-865G Datasheet
3Mb / 249P
   Intel 865G/865GV Graphics and Memory Controller Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com