Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E28F004B5T60 Datasheet(PDF) 5 Page - Intel Corporation

Part # E28F004B5T60
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F004B5T60 Datasheet(HTML) 5 Page - Intel Corporation

  E28F004B5T60 Datasheet HTML 1Page - Intel Corporation E28F004B5T60 Datasheet HTML 2Page - Intel Corporation E28F004B5T60 Datasheet HTML 3Page - Intel Corporation E28F004B5T60 Datasheet HTML 4Page - Intel Corporation E28F004B5T60 Datasheet HTML 5Page - Intel Corporation E28F004B5T60 Datasheet HTML 6Page - Intel Corporation E28F004B5T60 Datasheet HTML 7Page - Intel Corporation E28F004B5T60 Datasheet HTML 8Page - Intel Corporation E28F004B5T60 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
E
28F200B5, 28F004/400B5, 28F800B5
5
PRELIMINARY
1.0
INTRODUCTION
This datasheet contains specifications for 2-, 4-,
and 8-Mbit 5 Volt Boot Block Flash memories.
Section 1.0 provides a feature overview. Sections
2.0, 3.0, and 4.0 describe the product and
functionality. Section 5.0 details the electrical and
timing specifications for both commercial and
extended temperature operation. Finally, Sections
6.0 and 7.0 provide ordering and reference
information.
1.1
Product Overview
The 5 Volt Boot Block Flash memory family
provides pinout-compatible flash memories at the
2-, 4-, and 8-Mbit densities. The 28F200B5,
28F400B5, and 28F800B5 can be configured to
operate either in 16-bit or 8-bit bus mode, with the
data divided into individually erasable blocks. The
28F004B5 provides 8-bit operation in a compact
package.
Table 1. 5 Volt Boot Block Flash Boot Block Family: Feature Summary
Feature
28F200B5
28F400B5
28F800B5
28F004B5
Reference
VCC Read Voltage
5 V
± 5%, 5 V ± 10%
Section 5.2
VPP Prog/Erase Voltage
5 V
± 10% or 12 V ± 5%, auto-detected
Section 5.2
Bus-width
8- or 16-bit
8- or 16-bit
8- or 16-bit
8-bit
Table 2
Speed (ns)
Commercial
55(1), 80
70, 90
60, 80
Section 5.6
Extended
80
80
90
80
Section 5.6
Automotive
80
80
80, 90
N/A
Section 5.7
Memory Arrangement
x8: 256K x 8
x16: 128K x 16
x8: 512K x 8
x16: 256K x 16
x8: 1M x 8
x16: 512K x 16
x8: 512K x 8
Blocking
Boot
1 x 16 KB
1 x 16 KB
1 x 16 KB
1 x 16 KB
Section 2.3,
Parameter
2 x 8 KB
2 x 8 KB
2 x 8 KB
2 x 8 KB
Figs. 4-7
Main
1 x 96 KB
1 x 128 KB
1 x 96 KB
3 x 128 KB
1 x 96 KB
7 x 128 KB
1 x 96 KB
3 x 128 KB
Boot Location
Top or Bottom boot locations available
Locking
Boot Block lockable using WP# and/or RP#
All other blocks protectable using VPP switch
Section 3.3
Operating Temperature
Commercial: 0 °C – +70
°C, Extended: –40 °C – +85 °C,
Automotive –40 °C – +125
°C
Section 5.2
Erase Cycling
100,000 cycles at Commercial, 10,000 cycles at Extended,
30,000 cycles for parameter blocks and
1,000 cycles for main and boot blocks at Automotive
Packages
44-PSOP, 48-TSOP
40-TSOP
Figs. 1-2
NOTE:
1.
As of the publication date of this document, not all 28F200B5 –60 devices meet the 55 ns read specification. Please refer
to the 5 Volt Boot Block Flash Memory Family 28F200B5, 28F004/400B5, 28F800B5 Specification Update to determine
the specific 28F200B5 –T/B60 material that is capable of 55 ns read access times. All other 28F200B5 T/B60 devices are
capable of 60 ns read access times when VCC = 5 V ± 5% and 30 pF load.
2.
Automotive versions of this product are only available as 28F200B5, 28F400B5 and 28F800B5 and are only offered in the
44-Lead PSOP package.


Similar Part No. - E28F004B5T60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E28F004B5T60 INTEL-E28F004B5T60 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
More results

Similar Description - E28F004B5T60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com