Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA28F400B5T80 Datasheet(PDF) 4 Page - Intel Corporation

Part # PA28F400B5T80
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PA28F400B5T80 Datasheet(HTML) 4 Page - Intel Corporation

  PA28F400B5T80 Datasheet HTML 1Page - Intel Corporation PA28F400B5T80 Datasheet HTML 2Page - Intel Corporation PA28F400B5T80 Datasheet HTML 3Page - Intel Corporation PA28F400B5T80 Datasheet HTML 4Page - Intel Corporation PA28F400B5T80 Datasheet HTML 5Page - Intel Corporation PA28F400B5T80 Datasheet HTML 6Page - Intel Corporation PA28F400B5T80 Datasheet HTML 7Page - Intel Corporation PA28F400B5T80 Datasheet HTML 8Page - Intel Corporation PA28F400B5T80 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
28F200B5, 28F004/400B5, 28F800B5
E
4
PRELIMINARY
REVISION HISTORY
Number
Description
-001
Original Version
-002
Minor changes throughout document.
Section 3.1.5 and Figure 14 redone to clarify program/erase operation abort.
Information added to Table 2, Figure 1, and Section 3.3 to clarify WP# on 8-Mbit,
44-PSOP.
Read and Write Waveforms changed to numbered format.
Typical numbers removed from DC Characteristics and Erase/Program Timings.
-003
Minor text changes throughout document.
Figure 1, 44-PSOP pinout: mistake on pin 3 on 2-Mbit pinout corrected from A17 to NC.
Specs tEHQZ and tGHQZ improved.
Explanations of program/erase abort commands reworked in Table 6, Command
Codes.
-004
Specifications for 28F004B5 40-TSOP version added; Erase suspend text and
flowchart updated for clarity (Section 3.2.5.1, Table 6, Figure 10)
-005
Added TE28F004B5 product offerings to ordering information chart.
Added 55 ns speed capability for 2- and 4-Mbit devices.
Revised ICCD max value.
Name of document changed from
Smart 5 Boot Block Flash Memory Family 2, 4, 8
Mbit.
-006
Added automotive temperature product offerings.
-007
Modified document to show new 8-Mbit, 80 ns automotive temperature product
offerings.


Similar Part No. - PA28F400B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PA28F400B5T80 INTEL-PA28F400B5T80 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
More results

Similar Description - PA28F400B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com