Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH40N60C2D1 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXGH40N60C2D1
Description  HiPerFASTTM IGBTs w/ Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH40N60C2D1 Datasheet(HTML) 5 Page - IXYS Corporation

  IXGH40N60C2D1 Datasheet HTML 1Page - IXYS Corporation IXGH40N60C2D1 Datasheet HTML 2Page - IXYS Corporation IXGH40N60C2D1 Datasheet HTML 3Page - IXYS Corporation IXGH40N60C2D1 Datasheet HTML 4Page - IXYS Corporation IXGH40N60C2D1 Datasheet HTML 5Page - IXYS Corporation IXGH40N60C2D1 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
IXGT40N60C2D1 IXGJ40N60C2D1
IXGH40N60C2D1
Fig. 13. MaximumTransient Thermal Impedance
0.01
0.10
1.00
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds


Similar Part No. - IXGH40N60C2D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH40N60C2 IXYS-IXGH40N60C2 Datasheet
155Kb / 5P
   C2-Class High Speed IGBTs
More results

Similar Description - IXGH40N60C2D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGN60N60C2 IXYS-IXGN60N60C2 Datasheet
156Kb / 5P
   HiPerFASTTM IGBTs with Diode
IXGN60N60C2D1 IXYS-IXGN60N60C2D1 Datasheet
156Kb / 5P
   HiPerFASTTM IGBTs with Diode
IXGH60N60C2 IXYS-IXGH60N60C2 Datasheet
584Kb / 5P
   HiPerFASTTM IGBT C2-Class High Speed IGBTs
IXGK50N120C3H1 IXYS-IXGK50N120C3H1 Datasheet
224Kb / 6P
   GenX3 1200V IGBTs w/ Diode
IXGH20N140C3H1 IXYS-IXGH20N140C3H1 Datasheet
107Kb / 2P
   GenX3 1400V IGBTs w/ Diode
IXGH28N140B3H1 IXYS-IXGH28N140B3H1 Datasheet
206Kb / 7P
   GenX3 1400V IGBTs w/ Diode
IXGK55N120A3H1 IXYS-IXGK55N120A3H1 Datasheet
128Kb / 2P
   GenX3 1200V IGBTs w/ Diode
IXGH24N170AH1 IXYS-IXGH24N170AH1 Datasheet
231Kb / 4P
   High Voltage IGBTs w/Diode
IXGH40N120B2D1 IXYS-IXGH40N120B2D1 Datasheet
220Kb / 7P
   High Voltage IGBTs w/Diode
IXGH50N60B2 IXYS-IXGH50N60B2 Datasheet
585Kb / 5P
   HiPerFASTTM IGBT B2-Class High Speed IGBTs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com