Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT162245MTD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LVT162245MTD
Description  Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT162245MTD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVT162245MTD Datasheet HTML 1Page - Fairchild Semiconductor 74LVT162245MTD Datasheet HTML 2Page - Fairchild Semiconductor 74LVT162245MTD Datasheet HTML 3Page - Fairchild Semiconductor 74LVT162245MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LVT162245MTD Datasheet HTML 5Page - Fairchild Semiconductor 74LVT162245MTD Datasheet HTML 6Page - Fairchild Semiconductor 74LVT162245MTD Datasheet HTML 7Page - Fairchild Semiconductor 74LVT162245MTD Datasheet HTML 8Page - Fairchild Semiconductor 74LVT162245MTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
DS012446
www.fairchildsemi.com
January 1999
Revised June 2005
74LVT162245 • 74LVTH162245
Low Voltage 16-Bit Transceiver with 3-STATE Outputs
and 25
: Series Resistors in A Port Outputs
General Description
The LVT162245 and LVTH162245 contains sixteen non-
inverting bidirectional buffers with 3-STATE outputs and is
intended for bus oriented applications. The device is byte
controlled. Each byte has separate control inputs which
can be shorted together for full 16-bit operation. The T/R
inputs determine the direction of data flow through the
device. The OE inputs disable both the A and B ports by
placing them in a high impedance state.
The LVT162245 and LVTH162245 are designed with
equivalent 25
: series resistance in both the HIGH and
LOW states on the A Port outputs. This design reduces line
noise in applications such as memory address drivers,
clock drivers, and bus transceivers/transmitters.
The LVTH162245 data inputs include bushold, eliminating
the need for external pull-up resistors to hold unused
inputs.
These non-inverting transceivers are designed for low volt-
age (3.3V) VCC applications, but with the capability to pro-
vide a TTL interface to a 5V environment. The LVT162245
and
LVTH162245 are
fabricated
with
an
advanced
BiCMOS technology to achieve high speed operation simi-
lar to 5V ABT while maintaining a low power dissipation.
Features
s Input and output interface capability to systems at
5V VCC
s Bushold data inputs eliminate the need for external pull-
up resistors to hold unused inputs (74LVTH162245),
also available without bushold feature (74LVT162245).
s Live insertion/extraction permitted
s Power Up/Down high impedance provides glitch-free
bus loading
s A Port outputs include equivalent series resistance of
25
: making external termination resistors unnecessary
and reducing overshoot and undershoot
s A Port outputs source/sink
r12 mA.
B Port outputs source/sink
32 mA/64 mA
s Functionally compatible with the 74 series 162245
s Latch-up performance exceeds 500 mA
s ESD performance:
Human-body model
! 2000V
Machine model
! 200V
Charged-device model
! 1000V
s Also packaged in plastic Fine Pitch Ball Grid Array
(FBGA)
Ordering Code:
Note 1: Ordering code “G” indicates Trays.
Note 2: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Description
74LVT162245G
(Note 1)(Note 2)
BGA54A
(Preliminary)
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
74LVT162245MEA
(Note 2)
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
74LVT162245MTD
(Note 2)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
74LVTH162245G
(Note 1)(Note 2)
BGA54A
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
74LVTH162245MEA
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
[TUBE]
74LVTH162245MEX
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
[TAPE and REEL]
74LVTH162245MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[TUBE]
74LVTH162245MTX
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[TAPE and REEL]


Similar Part No. - 74LVT162245MTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVT162245MTD ONSEMI-74LVT162245MTD Datasheet
207Kb / 11P
   Low Voltage 16-Bit Transceiver
Revised June 2005
More results

Similar Description - 74LVT162245MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH162373 FAIRCHILD-74LVTH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74LVT162244 FAIRCHILD-74LVT162244 Datasheet
51Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74LVT322245 FAIRCHILD-74LVT322245 Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
74LVTH162240 FAIRCHILD-74LVTH162240 Datasheet
80Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74LVT2240 FAIRCHILD-74LVT2240_05 Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
74ALVC162245 FAIRCHILD-74ALVC162245 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in A Port Outputs
74VCX162245 FAIRCHILD-74VCX162245 Datasheet
146Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs
74LVT16245 FAIRCHILD-74LVT16245 Datasheet
76Kb / 8P
   Low Voltage 16-Bit Transceiver with 3-STATE Outputs
74LVTH16646 FAIRCHILD-74LVTH16646 Datasheet
89Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
74LVTH16652 FAIRCHILD-74LVTH16652 Datasheet
87Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com