Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


0-1393303-9 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 0-1393303-9
Description  Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
2
06-2012, Rev. 0612
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
Power Relay F4 (Continued)
Automotive Relays
Plug-in Mini ISO Relays
Max. load DC breaking capacity
Load limit curve 1: arc extinguishes during transit time (CO contact).
Load limit curve 2: safe shutdown, no stationary arc (NO contact).
Load limit curves measured with low inductive resistors verified for 1000 switching events.
Coil Data
Rated coil voltage
12/24VDC
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance6)
power6)
VDC
VDC
VDC
Ω±10%
W
052
12
7.2
1.6
90
1.6
053
24
14.4
3.2
324
1.8
056
24
16
4
268
2.1
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Coil operating range
Does not take into account
the temperature rise due to
the contact current
E = pre-energization
TE0701-J1
Does not take into account the temperature rise due to the contact current E=pre-
energization..
6) Without components in parallel.
Insulation Data
Initial dielectric strength
between open contacts
500Vrms
between contact and coil
500Vrms
between adjacent contacts
500Vrms
Load dump test
ISO 7637-1 (12VDC), test pulse 5
Vs=+86.5VDC
ISO 7637-2 (24VDC), test pulse 5
Vs=+200VDC
Other Data
EU RoHS/ELV compliance
compliant
Ambient temperature DC coil
-40 to +125°C
Protection to heat and fire
UL94-HB or better7)
Climatic cycling with condensation
EN ISO 6988
6 cycles, storage 8/16h
Temperature cycling
IEC 60068-2-14, Nb
10 cycles, -40/+85°C (5°C/min)
Damp heat cyclic
IEC 60068-2-30, Db, Variant 1
6 cycles, upper air temp. 55°C
Damp heat constant
IEC 60068-2-3, Ca
56 days
Category of environmental protection,
IEC 61810
RTI – dustproof, RT III – sealed
Degree of protection, IEC 60529
IP54 (dustproof), IP67 (sealed)
Corrosive gas
IEC 60068-2-42
10±2cm3/m3 SO2, 10 days
IEC 60068-2-43
1±0.3cm3/m3 H2S, 10 days
Vibration resistance (functional)
IEC 60068-2-6 (sine sweep)
10 to 500Hz > 5g8)
Shock resistance (functional)
IEC 60068-2-27 (half sine)
11ms >20g8)
Drop test, free fall
IEC 60068-2-32
1m onto concrete
Terminal type
plug-in, QC/PCB
Cover retention
axial force
150N
pull force
150N
push force
150N
Terminal retention
pull force
100N
push force
100N
resistance to bending, force applied to front9)
10N
resistance to bending, force applied to side9)
10N
torque
0.3Nm
Weight
approx. 35g (1.2oz)
Packaging unit
plug-in/PCB
315 pcs.
plug-in with bracket
200 pcs.
7) Refers to used materials.
8) No change in the switching state >10μs. Valid for NC contacts, NO contact values
significantly higher.
9) Values apply 2mm from the end of the terminal. When the force is removed, the terminal
must not have moved by more than 0.3mm.
Accessories
For details see datasheet Connectors for Mini ISO Relays




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl