Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


0-1393824-8 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 0-1393824-8
Description  Cradle Relay Accessories and Mounting
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
CuSn8 FB 390 plated with min. 3 mm silver or min. 1 mm gold
Phenolformaldehyde - type 31 (DIN 7708, part 2)
Makrolon (polycarbonate)
5 A
Cradle Relay Accessories and Mounting
General Data
Terminal material
Socket material with solder terminals
Socket material with PCB terminals
Maximum continous current at 70° C
Version
Sockets
for printed circuit mounting,
terminals silver-plated
with earth terminal
for solder terminals,
hand solder terminals, silver-plated
Hold-down springs
for cradle relays N, S and P
for cradle relay W
Size
I
II
III
I
II
II
I
II
III
I
II
Ordering Code
Ordering code
V23154-Z1001
V23154-Z1002
V23154-Z1028
V23154-Z1005
V23154-Z1006
V23154-Z1015
V23154-Z1021
V23154-Z1022
V23154-Z1034
V23154-Z1023
V23154-Z1024
Tyco Part Number
0-1393824-1
9-1393809-1
1-1393824-0
0-1393824-4
0-1393824-5
0-1393824-8
0-1393827-1
0-1393827-2
0-1393760-2
0-1393827-3
0-1393760-1
Gold plated terminals on request
Page 4 (9)
108-98016 Rev. B




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl