Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23333-Z0001-A007 Datasheet(PDF) 1 Page - Tyco Electronics

Part # V23333-Z0001-A007
Description  Connectors for Mini ISO Relays Connectors (Production Europe only)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23333-Z0001-A007 Datasheet(HTML) 1 Page - Tyco Electronics

  V23333-Z0001-A007 Datasheet HTML 1Page - Tyco Electronics V23333-Z0001-A007 Datasheet HTML 2Page - Tyco Electronics V23333-Z0001-A007 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Connectors for Mini ISO Relays
Accessories
Connectors (Production Europe only)
Catalog 1308028-2
Revised 3-2008
All specifications subject to change. Consult Tyco Electronics for latest specifications.
229
Features
Connectors in 3 different versions
– PCB Socket
With the solderable connector
Mini ISO relays with plug-in
terminals can be mounted on
leadframes. This allows easy
and reasonable replacement
in case of service.
– Connector
5 pole connector with snap-in
pin to lock in frame.
– Connector with Mounting Flap
5 pole connector that can be
mounted individually or inter-
locked. The connector has a
snap-in pin to lock in frame.
The mounting bracket also
allows screw-on.
Please order terminals separately.
For AWG Conversion Table see
page 236.
Please contact Tyco Electronics
for relay application support.
Weight
– PCB Socket
Approx. 7.0 g (0.25 oz.)
– Connector
Approx. 3.9 g (0.11 oz.)
– Connector with Mounting Flap
Approx. 20.6 g (0.71 oz.)
Conditions
All parametric, environmental and
endurance tests are performed
according to EIA Standard RS-407-A
at standard test conditions unless
otherwise noted:
23°C ambient temperature,
20 - 50% RH, 998.9 ±33.9 hPa.
For general storage and processing
recommendations please refer to our
Application Notes and especially to
Storage in the “Glossary” page 23 or
at http://relays.tycoelectronics.com/
appnotes/
333_3Dco1
Disclaimer
All technical performance data apply to the relay as such, specific conditions of the individual application are not considered. Please always check the suitability of the
relay for your intended purpose. We do not assume any responsibility or liability for not complying herewith. We recommend to complete our questionnaire and to request
our technical service. Any responsibility for the application of the product remains with the customer only. All specifications are subject to change without notification.
All rights of Tyco Electronics are reserved.
06-Accessories_p_225-236_2.qxd
17.03.2008
20:05 Uhr
Seite 229


Similar Part No. - V23333-Z0001-A007

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23333-Z1001-A008 TEC-V23333-Z1001-A008 Datasheet
99Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - V23333-Z0001-A007

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
VCF4-1000 TEC-VCF4-1000 Datasheet
150Kb / 1P
   Connectors for Mini ISO Relays
logo
Littelfuse
02040707Z LITTELFUSE-02040707Z Datasheet
279Kb / 1P
   ISO MINI Relays
logo
Tyco Electronics
13801 MACOM-13801 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
logo
PHOENIX CONTACT
3240172 PHOENIX-3240172 Datasheet
62Kb / 4P
   Europe connectors - EC 6
3240176 PHOENIX-3240176 Datasheet
49Kb / 4P
   Europe connectors - EC 10
logo
TE Connectivity Ltd
F4-A TEC-F4-A Datasheet
298Kb / 3P
   Automotive Relays Plug-in Mini ISO Relays
V23234-B TEC-V23234-B Datasheet
235Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
6-1393298-5 MACOM-6-1393298-5 Datasheet
805Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
TE Connectivity Ltd
V23134-F4 TEC-V23134-F4 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
PHOENIX CONTACT
3240179 PHOENIX-3240179 Datasheet
50Kb / 4P
   Europe connectors - EC 16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com