Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVQ74SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LVQ74SJ
Description  Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ74SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVQ74SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ74SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ74SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ74SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ74SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ74SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74LVQ74
Low Voltage Dual D-Type Positive Edge-Triggered
Flip-Flop
General Description
The LVQ74 is a dual D-type flip-flop with Asynchronous
Clear and Set inputs and complementary (Q, Q) outputs. In-
formation at the input is transferred to the outputs on the
positive edge of the clock pulse. Clock triggering occurs at a
voltage level of the clock pulse and is not directly related to
the transition time of the positive-going pulse. After the Clock
Pulse input threshold voltage has been passed, the Data in-
put is locked out and information present will not be trans-
ferred to the outputs until the next rising edge of the Clock
Pulse input.
Asynchronous Inputs:
LOW input to S
D (Set) sets Q to HIGH level
LOW input to C
D (Clear) sets Q to LOW level
Clear and Set are independent of clock
Simultaneous LOW on C
D and SD makes both Q and Q
HIGH
Features
n
Ideal for low power/low noise 3.3V applications
n
Guaranteed simultaneous switching noise level and
dynamic threshold performance
n
Guaranteed pin-to-pin skew AC performance
n
Guaranteed incident wave switching into 75
Ordering Code:
Order Number
Package Number
Package Description
74LVQ74SC
M14A
14-Lead (0.150" Wide) Molded Small Outline Integrated Circuit, SOIC JEDEC
74LVQ74SJ
M14D
14-Lead Molded Small Outline Package, SOIC EIAJ
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbols
Connection Diagram
DS011347-1
DS011347-2
IEEE/IEC
DS011347-3
Pin Assignment
for SOIC JEDEC and EIAJ
DS011347-4
May 1998
© 1998 Fairchild Semiconductor Corporation
DS011347
www.fairchildsemi.com


Similar Part No. - 74LVQ74SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ74SJ FAIRCHILD-74LVQ74SJ Datasheet
78Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
More results

Similar Description - 74LVQ74SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX74 FAIRCHILD-74LVX74 Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74 FAIRCHILD-74LVX74_08 Datasheet
320Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74 FAIRCHILD-74LVX74 Datasheet
70Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVQ74 FAIRCHILD-74LVQ74_01 Datasheet
78Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LCX74MX FAIRCHILD-74LCX74MX Datasheet
824Kb / 14P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com