Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23201-C1001-A502 Datasheet(PDF) 2 Page - Tyco Electronics

Part # V23201-C1001-A502
Description  Power Relay PK2 (THT ??THR) Single Relays PCB Relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23201-C1001-A502 Datasheet(HTML) 2 Page - Tyco Electronics

  V23201-C1001-A502 Datasheet HTML 1Page - Tyco Electronics V23201-C1001-A502 Datasheet HTML 2Page - Tyco Electronics V23201-C1001-A502 Datasheet HTML 3Page - Tyco Electronics V23201-C1001-A502 Datasheet HTML 4Page - Tyco Electronics V23201-C1001-A502 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Power Relay PK2 (THT – THR)
PCB Relays
Single Relays
Catalog 1308028-2
Revised 3-2008
All specifications subject to change. Consult Tyco Electronics for latest specifications.
135
201C_VT1
201C_DD2
201C_DD1
View of the Terminals (bottom view)
Dimensional Drawing
*) Additional tin tops max. 1 mm
Remark: Positional tolerances according to DIN EN ISO 5458
**) without tinning (hop dip)
03a-PCB_Single_p_105-161_1.qxd
17.03.2008
17:42 Uhr
Seite 135


Similar Part No. - V23201-C1001-A502

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23232-D0001-X001 TEC-V23232-D0001-X001 Datasheet
585Kb / 3P
   Automotive Relays High Current Devices
logo
Tyco Electronics
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23234-A0001-X032 MACOM-V23234-A0001-X032 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23234-A0001-X038 MACOM-V23234-A0001-X038 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23234-A0001-X040 MACOM-V23234-A0001-X040 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
More results

Similar Description - V23201-C1001-A502

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
T72M MACOM-T72M Datasheet
132Kb / 5P
   PCB Relays / Single Relays
V23072-A1061-A303 MACOM-V23072-A1061-A303 Datasheet
267Kb / 6P
   PCB relays Single relays Mini power relay K (open and sealed)
V23138 MACOM-V23138 Datasheet
376Kb / 5P
   Single Nano Relay (THT ??THR)
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
HRM-SDC5V ETC2-HRM-SDC5V Datasheet
283Kb / 5P
   PCB Power Relays
logo
Omron Electronics LLC
G9KA OMRON-G9KA Datasheet
225Kb / 5P
   PCB Power Relays
0722/0221
logo
List of Unclassifed Man...
HRS4E ETC2-HRS4E_1 Datasheet
174Kb / 4P
   PCB Power Relays
HRS4 ETC2-HRS4 Datasheet
168Kb / 4P
   PCB Power Relays
logo
Omron Electronics LLC
G6QE OMRON-G6QE Datasheet
180Kb / 4P
   PCB Power Relays
0219/0718
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com